Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1701 Datasheet(PDF) 1 Page - ams AG

Part # AS1701
Description  1.6W Audio Power Amplifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1701 Datasheet(HTML) 1 Page - ams AG

  AS1701 Datasheet HTML 1Page - ams AG AS1701 Datasheet HTML 2Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
austriamicrosystems
AS1701, AS1706
1.6W Audio Power Amplifiers
Product Brief
© 1997-2005, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.11
1 - 2
1 General Description
The AS1701 and AS1706 are 1.6W bridged audio power
amplifiers that provide excellent circuit reliability, provid-
ing a very low-cost solution by eliminating external com-
ponents when used with 2.7 to 5.5V-powered circuits.
The devices have superb total harmonic distortion
(THD) at high-power output and excellent power supply
rejection with 4- and 8
Ω-loads.
Integrated over-temperature and over-current protection
circuitry switch the devices off in case of an output
short-circuit. A digital input allows the devices to auto-
matically switch into shutdown mode. Click- and pop-
suppression circuitry reduces audible clicks and pops
during power-up and shutdown. The gain (AV) of the
devices is controlled using external resistors.
The AS1701/AS1706 are available in an 8-pin MSOP
package.
Figure 1. Typical Configuration Block Diagram
2 Key Features
!
2.7 to 5.5V (VCC) Single-Supply Operation
!
Very High PSRR: Greater Than 65dB @ 217Hz
!
THD+Noise: 1.6W into 4
Ω at 1%
!
No Output Coupling Capacitors Required
!
External Gain Configuration Capability
!
Low-Power Shutdown Mode: 10nA
!
Click and Pop Suppression
!
Over-Temperature and Over-Current Protection
!
Operating Temperature Range: -40 to +85°C
!
8-pin MSOP Package
3 Applications
The AS1701/AS1706 are ideal as audio front-ends for
battery powered audio devices such as MP3 and CD
players, mobile phones, PDAs, portable DVD players,
and any other hand-held battery-powered device.
RL =
4 or 8
Ω
40k
Ω
40k
Ω
50k
Ω
50k
Ω
VDD/2
Bias
20k
Ω RF
VDD
+
–
CS
10µF
Av = -1
CB
0.1 to
1µF
+
+
AS1701/
AS1706
GND 7
2
BIAS
8
OUT-
5
OUT+
6
VDD
1
SHDN
20k
Ω
RIN
+
–
CIN
0.33µF
Audio
Input
4
IN-
3
IN+


Similar Part No. - AS1701

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1701 AMSCO-AS1701 Datasheet
466Kb / 17P
1.6W Audio Power Amplifiers
AS1701-T AMSCO-AS1701-T Datasheet
466Kb / 17P
1.6W Audio Power Amplifiers
AS1701 AMSCO-AS1701_1 Datasheet
466Kb / 17P
1.6W Audio Power Amplifiers
More results

Similar Description - AS1701

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7231A STMICROELECTRONICS-TDA7231A Datasheet
67Kb / 5P
1.6W AUDIO AMPLIFIER
Mar-1995
TDA7235 STMICROELECTRONICS-TDA7235 Datasheet
41Kb / 5P
1.6W AUDIO AMPLIFIER
May-1997
logo
ams AG
AS1702 AMSCO-AS1702 Datasheet
187Kb / 13P
1.6W Single-Channel Audio Power Amplifiers
logo
Hitachi Semiconductor
HA1377 HITACHI-HA1377 Datasheet
268Kb / 4P
Dual 5.8W Audio Power Amplifiers
logo
Tyco Electronics
MAAP-000069-PKG003 MACOM-MAAP-000069-PKG003_08 Datasheet
287Kb / 9P
Amplifier, Power, 1.6W,7.7.11.7 GHz
logo
MOSA ELECTRONICS
MS6336 MOSA-MS6336 Datasheet
699Kb / 18P
16-bit Stereo Audio DAC Dual 1.6W Power Amplifiers
logo
ams AG
AS1701 AMSCO-AS1701_1 Datasheet
466Kb / 17P
1.6W Audio Power Amplifiers
logo
MOSA ELECTRONICS
MS6336 MOSA-MS6336_1 Datasheet
743Kb / 21P
16-bit Stereo Audio DAC Dual 1.6W Power Amplifiers
logo
Texas Instruments
LM4835 TI1-LM4835 Datasheet
1Mb / 34P
Stereo 2W Audio Power Amplifiers
logo
NEC
UPC1181H NEC-UPC1181H Datasheet
58Kb / 1P
Audio Power Amplifiers (Continued)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com