Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3747A Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3747A
Description  155Mbps to 3.2Gbps, Low-Power SFP Limiting Amplifiers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3747A Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3747A Datasheet HTML 1Page - Maxim Integrated Products MAX3747A Datasheet HTML 2Page - Maxim Integrated Products MAX3747A Datasheet HTML 3Page - Maxim Integrated Products MAX3747A Datasheet HTML 4Page - Maxim Integrated Products MAX3747A Datasheet HTML 5Page - Maxim Integrated Products MAX3747A Datasheet HTML 6Page - Maxim Integrated Products MAX3747A Datasheet HTML 7Page - Maxim Integrated Products MAX3747A Datasheet HTML 8Page - Maxim Integrated Products MAX3747A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MAX3747A/MAX3747B
155Mbps to 3.2Gbps, Low-Power SFP
Limiting Amplifiers
4
Maxim Integrated
MAX3747A
MAX3747B
VCC
ICC
(SUPPLY
CURRENT)
IOUT
(CML OUTPUT
CURRENT)
50
I
50
I
Figure 1. Power-Supply Current Measurement
6dB
1dB
0V
VIN
TIME
SIGNAL_ON
SIGNAL_OFF
MAXIMUM DEASSERT LEVEL FOR A GIVEN VTH
MINIMUM ASSERT LEVEL FOR A GIVEN VTH
MAXIMUM POWER-DETECT WINDOW
Figure 2A. LOS Deassert Threshold—Set 1dB Below Receiver
Sensitivity
6dB
0V
VIN
TIME
SIGNAL_ON = 1.2VP-P (OVERLOAD)
SIGNAL_OFF
MAXIMUM DEASSERT LEVEL FOR A GIVEN RTH1/RTH2 RATIO
MINIMUM ASSERT LEVEL FOR A GIVEN RTH1/RTH2 RATIO
MAXIMUM POWER-DETECT WINDOW
Figure 2B. LOS Deassert Threshold—Operating at Input
Overload



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com