Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4690 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 4690
Description  Basic valve body
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

4690 Datasheet(HTML) 1 Page - Festo Corporation.

  4690 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Basic valve body
LC-5/4-1/4
Part number: 4690
Data sheet
Feature
Value
Operating pressure
0.2 MPa ... 0.8 MPa
Operating pressure
2 bar ... 8 bar
Type code
LC
Symbol
00991719
Ambient temperature
-10 °C ... 60 °C
Product weight
810 g
Pneumatic connection 1
G1/4
10/27/21 - Subject to change - Festo AG & Co. KG
1/1


Similar Part No. - 4690

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4690 POMONA-4690 Datasheet
127Kb / 2P
Banana Jack To #12, 16, 20 & 22 Socket
logo
Diotec Semiconductor
4690 DIOTEC-4690 Datasheet
96Kb / 2P
Surface mount Silicon Planar Zener Diodes
logo
Adafruit Industries
4690 ADAFRUIT-4690 Datasheet
1Mb / 2P
Basic Fingerprint Sensor With Socket Header Cable
9-8-20
logo
Pomona Electronics
4690-0 POMONA-4690-0 Datasheet
127Kb / 2P
Banana Jack To #12, 16, 20 & 22 Socket
4690-2 POMONA-4690-2 Datasheet
127Kb / 2P
Banana Jack To #12, 16, 20 & 22 Socket
More results

Similar Description - 4690

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
546745 FESTO-546745 Datasheet
100Kb / 2P
Basic valve
546747 FESTO-546747 Datasheet
100Kb / 2P
Basic valve
546735 FESTO-546735 Datasheet
100Kb / 2P
Basic valve
546741 FESTO-546741 Datasheet
100Kb / 2P
Basic valve
546744 FESTO-546744 Datasheet
98Kb / 2P
Basic valve
546746 FESTO-546746 Datasheet
98Kb / 2P
Basic valve
546748 FESTO-546748 Datasheet
99Kb / 2P
Basic valve
546738 FESTO-546738 Datasheet
99Kb / 2P
Basic valve
546740 FESTO-546740 Datasheet
99Kb / 2P
Basic valve
546742 FESTO-546742 Datasheet
100Kb / 2P
Basic valve
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com