Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTCH1010 Datasheet(PDF) 21 Page - Microchip Technology

Part # MTCH1010
Description  High Signal to Noise Ratio (SNR)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MTCH1010 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MTCH1010 Datasheet HTML 17Page - Microchip Technology MTCH1010 Datasheet HTML 18Page - Microchip Technology MTCH1010 Datasheet HTML 19Page - Microchip Technology MTCH1010 Datasheet HTML 20Page - Microchip Technology MTCH1010 Datasheet HTML 21Page - Microchip Technology MTCH1010 Datasheet HTML 22Page - Microchip Technology MTCH1010 Datasheet HTML 23Page - Microchip Technology MTCH1010 Datasheet HTML 24Page - Microchip Technology MTCH1010 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
RECOMMENDED LAND PATTERN
Microchip Technology Drawing C04-2057-SWB Rev E
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
1.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Dimension Limits
Units
C
Contact Pad Spacing
Contact Pitch
MILLIMETERS
1.27 BSC
MIN
E
MAX
5.40
Contact Pad Length (X8)
Contact Pad Width (X8)
Y1
X1
1.55
0.60
NOM
E
X1
C
Y1
SILK SCREEN
8-Lead Plastic Small Outline
– Narrow, 3.90 mm (.150 In.) Body [SOIC]
Table 11-1. Device and Package Maximum Weight
Maximum Weight
78 mg
MTCH1010
Package Drawing
© 2021 Microchip Technology Inc.
Datasheet
DS40002314A-page 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com