Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD-9606GC/AC-EU Datasheet(PDF) 2 Page - Microchip Technology

Part # PD-9606GC/AC-EU
Description  Multi-Port IEEE짰 802.3bt-Compliant 90W PoE Midspan Family With Network Management
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD-9606GC/AC-EU Datasheet(HTML) 2 Page - Microchip Technology

  PD-9606GC/AC-EU Datasheet HTML 1Page - Microchip Technology PD-9606GC/AC-EU Datasheet HTML 2Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The Microchip name and logo and the Microchip logo are registered trademarks of Microchip Technology Incorporated in the
U.S.A. and other countries. All other trademarks mentioned herein are property of their respective companies.
© 2021, Microchip Technology Incorporated. All Rights Reserved. 7/21
DS00003231C
Technical Support
For technical support, please visit the Microchip Technical Support Portal at www.microchip.com/support.
Management Software
PowerView Pro software is available on Microchip’s Software Library.
Ordering Information
Part Number
Name
Description
PD-9606GC/AC-xx
PD-9606GC/AC-AU: AU Power Cord
PD-9606GC/AC-EU: EU Power Cord
PD-9606GC/AC-JP: Japan Power Cord
PD-9606GC/AC-UK: UK Power Cord
PD-9606GC/AC-US: US Power Cord
PD-9606GC/AC
6-port BT midspan, 4-pairs 90W/port, managed,
10/100/1000 Base-T, AC input
PD-9612GC/AC-xx
PD-9612GC/AC-AU: AU Power Cord
PD-9612GC/AC-EU: EU Power Cord
PD-9612GC/AC-JP: Japan Power Cord
PD-9612GC/AC-UK: UK Power Cord
PD-9612GC/AC-US: US Power Cord
PD-9612GC/AC
12-port BT midspan, 4-pairs 90W/port, managed,
10/100/1000 Base-T, AC input
PD-9624GC/AC-xx
PD-9624GC/AC-AU: AU Power Cord
PD-9624GC/AC-EU: EU Power Cord
PD-9624GC/AC-JP: Japan Power Cord
PD-9624GC/AC-UK: UK Power Cord
PD-9624GC/AC-US: US Power Cord
PD-9624GC/AC
24-port BT midspan, 4-pairs 90W/port, managed,
10/100/1000 Base-T, AC input
Contact Microchip for other options
About Microchip mPoE
Microchip multi-Power over Ethernet (mPoE) is a technology that powers any wired network
device seamlessly and efficiently, making it the ideal solution for Ethernet-based applications.
Leveraging a uniquely designed algorithm, this technology solves interoperability issues between
different PoE standards and legacy solutions to provide an international network power stan-
dard. As a pioneer in PoE technology, we offer a comprehensive end-to-end portfolio of PoE
solutions comprised of PoE ICs and PoE systems (midspans/injectors and switches).



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com