Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF040A Datasheet(PDF) 64 Page - Microchip Technology

Part # SST26VF040A
Description  2.5V/3.0V 4-Mbit Serial Quad I/O??(SQI?? Flash Memory
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF040A Datasheet(HTML) 64 Page - Microchip Technology

Back Button SST26VF040A Datasheet HTML 60Page - Microchip Technology SST26VF040A Datasheet HTML 61Page - Microchip Technology SST26VF040A Datasheet HTML 62Page - Microchip Technology SST26VF040A Datasheet HTML 63Page - Microchip Technology SST26VF040A Datasheet HTML 64Page - Microchip Technology SST26VF040A Datasheet HTML 65Page - Microchip Technology SST26VF040A Datasheet HTML 66Page - Microchip Technology SST26VF040A Datasheet HTML 67Page - Microchip Technology SST26VF040A Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 73 page
background image
 2020-2021 Microchip Technology Inc.
DS20006292B-page 64
SST26VF040A
55H
A10:A8
91H
A10:A8 = 001b
A15:A11
Erase Type 2 Erase, Typical time
Typical time = (count+1)*units
1 ms to 32 ms, 16 ms to 512 ms, 128 ms to 4096 ms, 1s to 32s
17:16 units (00b: 1 ms, 01b: 16 ms, 10b: 128 ms, 11b: 1s)
A15:A11 count = 18 = 10010b
A17:A16 unit = 1 ms = 00b
56H
A17:A16
48H
A17:A16 = 00b
A23:A18
Erase Type 3 Erase, Typical time
Typical time = (count+1)*units
1 ms to 32 ms, 16 ms to 512 ms, 128 ms to 4096 ms, 1s to 32s
24:23 units (00b: 1 ms, 01b: 16 ms, 10b: 128 ms, 11b: 1s)
A22:A18 count = 18 = 10010b
A24:A23 unit = 1ms = 00b
57H
A24
24H
A24 = 0b
A31:A25
Erase Type 4 Erase, Typical time
Typical time = (count+1)*units
1 ms to 32 ms, 16 ms to 512 ms, 128 ms to 4096 ms, 1s to 32s
31:30 units (00b: 1 ms, 01b: 16 ms, 10b: 128 ms, 11b: 1s)
A29:A25 count = 18 = 10010b
A31:A30 unit = 1 ms = 00b
JEDEC Flash Parameter Table: 11th DWORD
58H
A3:A0
80H
Multiplier from typical program time to maximum program time
Maximum time = 2*(count +1)*Typical program time
Count = 0
A3:A0 = 0000b
A7:A4
Page Size
Page size = 2^N bytes
N=8
A7:A4 = 1000b
59H
A31:A8
6FH
Page Program Typical time,
Program time = (count+1)*units
13 units (0b: 8 µs, 1b: 64 µs)
A12:A8 count = 11 = 01111b
A13 unit = 64 µs = 1b
A15:A14
Byte Program Typical time, first byte
Typical time = (count+1)*units
18 units (0b: 1 µs, 1b: 8 µs)
A17:A14 count = 5 = 0101b
A18 = 8 µs = 1b
5AH
A18:A16
1DH
A18:A16 = 101b
A23:A19
Byte Program Typical time, additional byte
Typical time = (count+1)*units
23 units (0b: 1 µs, 1b: 8 µs)
A22:A19 count = 0011b
A23 = 1 µs = 0b
TABLE 11-1:
SERIAL FLASH DISCOVERABLE PARAMETER (SFDP) (SHEET 6 OF 13)
Address
Bit
Address
Data
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com