Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5906CT/KD Datasheet(PDF) 1 Page - Microchip Technology

Part # USB5906CT/KD
Description  6-Port USB 3.2 Gen 1 SmartHubTM IC with Support for a Single USB Type-C짰 UFP
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5906CT/KD Datasheet(HTML) 1 Page - Microchip Technology

  USB5906CT/KD Datasheet HTML 1Page - Microchip Technology USB5906CT/KD Datasheet HTML 2Page - Microchip Technology USB5906CT/KD Datasheet HTML 3Page - Microchip Technology USB5906CT/KD Datasheet HTML 4Page - Microchip Technology USB5906CT/KD Datasheet HTML 5Page - Microchip Technology USB5906CT/KD Datasheet HTML 6Page - Microchip Technology USB5906CT/KD Datasheet HTML 7Page - Microchip Technology USB5906CT/KD Datasheet HTML 8Page - Microchip Technology USB5906CT/KD Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
2016-2021 Microchip Technology Inc.
DS00002242E-page 1
USB5906
Highlights
• USB Hub Feature Controller IC Hub with:
- 6 USB 3.1 Gen 1 legacy downstream ports
- USB Type-C® upstream port
• USB-IF Battery Charger revision 1.2 support on
up & downstream ports (DCP, CDP, SDP)
• Internal Hub Feature Controller device enables:
- USB to I2C/SPI/GPIO bridge endpoint support
- USB to internal hub register write and read
• USB Link Power Management (LPM) support
• Enhanced OEM configuration options available
through either OTP or SPI ROM
• USB-IF certified , supporting latest Engineering
Change Notices for compliance with USB-IF logo
testing for new USB Type-C®
industry initiative (Revision C or newer only)
- Header Packet Timer (TD7.9, TD7.11, TD7.26)
- Power Management Timer (TD7.18, TD7.20, TD7.23)
- Unacknowledged Connect and Remote
Wake Test Failure (TD10.25)
• Available in 100-pin (12mm x 12mm) VQFN
RoHS compliant package
• Commercial and industrial grade temperature
support
Target Applications
• Standalone USB Hubs
• Laptop Docks
• PC Motherboards
• PC Monitor Docks
• Multi-function USB 3.2 Gen 1 Peripherals
Key Benefits
• USB 3.2 Gen 1 compliant 5 Gbps, 480 Mbps,
12 Mbps, and 1.5Mbps operation
- 5V tolerant USB 2.0 pins
- 1.32V tolerant USB 3.2 Gen 1 pins
- Integrated termination and pull-up/down resistors
• Native USB Type-C Support
- Integrated Multiplexer on USB Type-C enabled
ports
- USB 3.1 Gen 1 PHYs are disabled until a valid
USB Type-C attach is detected, saving idle power
• Supports battery charging of most popular battery
powered devices on all ports
- USB-IF Battery Charging rev. 1.2 support
(DCP, CDP, SDP)
- Apple® portable product charger emulation
- Chinese YD/T 1591-2006 charger emulation
- Chinese YD/T 1591-2009 charger emulation
- European Union universal mobile charger support
- Support for Microchip UCS100x family of battery
charging controllers
- Supports additional portable devices
• Smart port controller operation
- Firmware handling of companion port power
controllers
• On-chip microcontroller
- manages I/Os, VBUS, and other signals
• 8 KB RAM, 64 KB ROM
• 8 KB One-Time-Programmable (OTP) ROM
- Includes on-chip charge pump
• Configuration programming via OTP ROM,
SPI ROM, or SMBus
• PortSwap
- Configurable USB 2.0 differential pair signal swap
PHYBoostTM
- Programmable USB transceiver drive strength for
recovering signal integrity
- USB 2.0 Hi-Speed disconnect threshold adjust
(Revision C or newer only)
VariSenseTM
- Programmable USB receive sensitivity
• Port Split
- USB2.0 and USB 3.2 Gen1 port operation can be
split for custom applications using embedded
USB3.x devices in parallel with USB2.0 devices.
• USB Power Delivery Billboard Device Support
- Internal port can enumerate as a Power Delivery
Billboard device to communicate Power Delivery
Alternate Mode negotiation failure cases to USB
host
• Compatible with Microsoft Windows 10, 8, 7, XP,
Apple OS X 10.4+, and Linux hub drivers
• Optimized for low-power operation and low ther-
mal dissipation
• Package
- 100-pin VQFN (12mm x 12mm)
6-Port USB 3.2 Gen 1 SmartHubTM IC
with Support for a Single USB Type-C® UFP


Similar Part No. - USB5906CT/KD

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
USB5906CT/KD MICROCHIP-USB5906CT/KD Datasheet
2Mb / 63P
6-Port USB 3.2 Gen 1 SmartHubTM IC with Support for a Single USB Type-C짰 UFP
02/28/20
USB5906CT/KD MICROCHIP-USB5906CT/KD Datasheet
2Mb / 64P
6-Port USB 3.2 Gen 1 SmartHubTM IC with Support for a Single USB Type-C짰 UFP
DS00003188C (03-17-22)
More results

Similar Description - USB5906CT/KD

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
USB5906C MICROCHIP-USB5906C Datasheet
2Mb / 63P
6-Port USB 3.2 Gen 1 SmartHubTM IC with Support for a Single USB Type-C짰 UFP
02/28/20
USB5916 MICROCHIP-USB5916 Datasheet
2Mb / 66P
6-Port USB 3.2 Gen 1 SmartHubTM with Support for a USB Type-C짰 UFP and DFP
02/28/20
USB5926 MICROCHIP-USB5926 Datasheet
2Mb / 66P
6-Port USB 3.2 Gen 1 SmartHubTM with Support for Multiple USB Type-C짰 UFP and DFP
02/28/20
USB5926C MICROCHIP-USB5926C Datasheet
2Mb / 65P
6-Port USB 3.2 Gen 1 SmartHubTM with Support for Multiple USB Type-C짰 UFP and DFP
02/28/20
USB5816 MICROCHIP-USB5816 Datasheet
2Mb / 66P
6-Port USB 3.2 Gen 1 SmartHubTM IC with Support for a Single USB Type-C짰 DFP
02/28/20
USB5816C MICROCHIP-USB5816C Datasheet
2Mb / 65P
6-Port USB 3.2 Gen 1 SmartHubTM IC with Support for a Single USB Type-C짰 DFP
02/28/20
USB5826C MICROCHIP-USB5826C Datasheet
2Mb / 65P
6-Port USB 3.2 Gen 1 SmartHubTM IC with Support for Dual USB Type-C짰 DFPs
02/28/20
USB5816C MICROCHIP-USB5816C_V01 Datasheet
2Mb / 66P
6-Port USB 3.2 Gen 1 SmartHubTM IC with Support for a Single USB Type-C짰 DFP
03-17-22
USB5906C MICROCHIP-USB5906C_V01 Datasheet
2Mb / 64P
6-Port USB 3.2 Gen 1 SmartHubTM IC with Support for a Single USB Type-C짰 UFP
DS00003188C (03-17-22)
USB5916C MICROCHIP-USB5916C Datasheet
2Mb / 66P
6-Port USB 3.2 Gen 1 SmartHubTM IC with Support for a USB Type-C짰 UFP and DFP
DS00003189C (03-17-22)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com