Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2127/T&R Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS2127/T&R
Description  Ultra3 LVD/SE SCSI 14-Line Terminator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2127/T&R Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS2127/T&R Datasheet HTML 1Page - Maxim Integrated Products DS2127/T&R Datasheet HTML 2Page - Maxim Integrated Products DS2127/T&R Datasheet HTML 3Page - Maxim Integrated Products DS2127/T&R Datasheet HTML 4Page - Maxim Integrated Products DS2127/T&R Datasheet HTML 5Page - Maxim Integrated Products DS2127/T&R Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Ultra3 LVD/SE SCSI 14-Line Terminator
2
_____________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(TPWR = VTPWR(MIN) to VTPWR(MAX), TA = 0°C to +70°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Range on All Pins Relative to Ground ......-0.3V to +6.0V
VREF Continuous Output Current....................................±200mA
Operating Temperature Range...............................0°C to +70°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +160°C
Soldering Temperature .......................................See IPC/JEDEC
J-STD-020A Specification
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LVD
2.7
3.3
5.5
TPWR Operating Supply Range
(Note 1)
VTPWR
SE
4
5.0
5.5
V
TPWR SUPPLY CURRENT
ITPWR_LVD LVD SCSI mode
32
ITPWR_SE
SE SCSI mode
10
mA
TPWR Supply Current (All Lines
Open)
ITPWR_ISO ISO mode (terminators disabled)
750
µA
LVD TERMINATION (Applies to each line pair, 1 to 14 in LVD mode)
Differential-Mode Termination
Resistance
RDM
100
110
Ω
Common-Mode Termination
Resistance
RCM
RP and RN shorted together
(VCM(MAX) = 2V, VCM(MIN) = 0.5V)
110
165
Ω
Differential-Mode Bias
VDM
All lines open
100
125
mV
Common-Mode Bias
VCM
RP and RN shorted together (Note 1)
1.15
1.25
1.35
V
SE TERMINATION (Applies to single-ended terminators, 1 to 14 in SE mode)
Single-Ended Mode Termination
Resistance
RSE
RSE = (VLX - 0.2) / ILX, where VLX = voltage
at terminator pin with pin unloaded and
ILX = current for each terminator pin with
the pin forced to 0.2V
104.5
110
115.5
Ω
Signal level at 0.2V, all lines low
-21
-24
-25.4
Termination Current
ISE
Signal level at 0.5V
-18
-22.4
mA
SE Voltage Reference
VREF
2.7
2.85
3.0
V
Pin Leakage
With ISO high
400
nA
Single-Ended GND Resistance
RGND
Measured at RP pins, I = 10mA
20
60
Ω
TERMINATOR PIN CAPACITANCE
Terminator Pin Capacitance
CIN
With ISO high (Note 2)
3
pF
VREF REGULATOR
1.25V Regulator Output Voltage
VREF_LVD
0.5V
≤ VCM ≤ 2.0V, VCM applied to all RP
and RN lines simultaneously
1.15
1.25
1.35
V
1.25V Regulator Short-Circuit
Source Current
ISOURCE
VREF = 0V
-375
-700
-1000
mA
1.25V Regulator Short-Circuit
Sink Current
ISINK
VREF = 3.3V
170
300
700
mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com