Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

541663 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 541663
Description  Air solenoid valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

541663 Datasheet(HTML) 1 Page - Festo Corporation.

  541663 Datasheet HTML 1Page - Festo Corporation. 541663 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Air solenoid valve
MFH-5-1/4-120-EX
Part number: 541663
Data sheet
Feature
Value
Valve function
5/2, closed, monostable
Actuation type
Electrical
Width
73 mm
Standard nominal flow rate
1000 l/min
Pneumatic working port
G1/4
Operating voltage
120V AC
Operating pressure
0.22 MPa ... 0.8 MPa
Operating pressure
2.2 bar ... 8 bar
Reset method
Mechanical spring
Explosion protection certification outside the EU
Class I, Div. 1 (US)
Class I, Div. 2 (US)
Class II, Div. 1 (US)
Class II, Div. 2 (US)
Class III, Div. 1 (US)
Class III, Div. 2 (US)
EPL Gb (US)
EPL Gc (US)
Certificate issuing authority
FM 3026030
Degree of protection
IP65
Nominal width
7 mm
Type code
MFH
Exhaust air function
With flow control option
Sealing principle
Soft
Mounting position
Any
Manual override
Detenting
Type of control
Pilot-controlled
Flow direction
Non-reversible
Symbol
00991003
Lap
Underlap
Switching time off
29 ms
On switching time
10 ms
Coil characteristics
120 V AC: 60 Hz, initial power 11.5 VA, holding power 6.5 VA
Explosion prevention and protection
Zone 1 (US)
Zone 2 (US)
Class I, Div. 1 (US)
Class I, Div. 2 (US)
Class II, Div. 1 (US)
Class II, Div. 2 (US)
Class III, Div. 1 (US)
Class III, Div. 2 (US)
10/19/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 541663

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
541660 FESTO-541660 Datasheet
93Kb / 2P
Air solenoid valve
541661 FESTO-541661 Datasheet
91Kb / 2P
Air solenoid valve
541662 FESTO-541662 Datasheet
91Kb / 2P
Air solenoid valve
541664 FESTO-541664 Datasheet
92Kb / 2P
Air solenoid valve
More results

Similar Description - 541663

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VUVG-B10-B52-ZT-F-1R8L FESTO-VUVG-B10-B52-ZT-F-1R8L Datasheet
96Kb / 2P
Air solenoid valve
VUVG-B10-M52-RZT-F-1R8L FESTO-VUVG-B10-M52-RZT-F-1R8L Datasheet
95Kb / 2P
Air solenoid valve
VUVG-B10-T32C-MZT-F-1R8L FESTO-VUVG-B10-T32C-MZT-F-1R8L Datasheet
101Kb / 2P
Air solenoid valve
VUVG-B10-T32H-AZT-F-1R8L FESTO-VUVG-B10-T32H-AZT-F-1R8L Datasheet
100Kb / 2P
Air solenoid valve
VUVG-BK10-B52-T-F-1H2L-S FESTO-VUVG-BK10-B52-T-F-1H2L-S Datasheet
95Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-G18-F7 FESTO-VUVS-LT20-M32C-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-N18-F7 FESTO-VUVS-LT20-M32C-MD-N18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32U-MD-G18-F7 FESTO-VUVS-LT20-M32U-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M52-MZD-G18-F7 FESTO-VUVS-LT20-M52-MZD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
MN1H-2-1-MS-NPT FESTO-MN1H-2-1-MS-NPT Datasheet
91Kb / 1P
Air solenoid valve
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com