Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM0605H-R68MG-D Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM0605H-R68MG-D
Description  Carbonyl powder inductor.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM0605H-R68MG-D Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM0605H-R68MG-D Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM0605H-R68MG-D Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM0605H-R68MG-D Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM0605H-R68MG-D Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM0605H-R68MG-D Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LM0605H-R68MG-D Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LM0605H-R68MG-D Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LM0605H-R68MG-D Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LM0605H-R68MG-D Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
5. Specification
Part Number
Inductance
L0 (uH)±20% @ 0 A
I rms (A)
Typ.
I sat (A)
Typ.
DCR
(mΩ) Typ.@25℃
DCR
(mΩ) Max.@25℃
LM0605H-R40MG-D
0.40
23
31
3.1
3.7
LM0605H-R47MG-D
0.47
22
30
3.5
3.9
LM0605H-R56MG-D
0.56
20
27
3.6
4.2
LM0605H-R60MG-D
0.60
19
25
3.8
4.3
LM0605H-R68MG-D
0.68
18
24
4.0
4.5
LM0605H-R82MG-D
0.82
16.5
22
4.6
4.9
LM0605H-1R0MG-D
1.00
15
20
6.1
6.5
LM0605H-1R2MG-D
1.20
14
18
6.7
7.5
LM0605H-1R5MG-D
1.50
12
16.5
8.6
9.0
LM0605H-2R2MG-D
2.20
10
14
11.2
12.0
LM0605H-3R3MG-D
3.30
8
12
19
20.9
LM0605H-4R7MG-D
4.70
6.5
10
28
30.8
LM0605H-5R6MG-D
5.60
6.0
9.0
43.5
49
LM0605H-6R5MG-D
6.50
5.5
8.5
46
51.5
LM0605H-6R8MG-D
6.80
5.5
8.5
46
51.5
LM0605H-8R2MG-D
8.20
5.0
8.0
56
63
LM0605H-100MG-D
10.0
4.0
7.5
60
69
LM0605H-220MG-D
22.0
2.5
5.5
140
170
Note:
1. Test frequency : Ls : 100KHz /1.0V.
2. All test data referenced to 25℃ ambient.
3. Testing Instrument(or equ) : L: HP4284A,CH11025,CH3302,CH1320,CH1320S LCR METER / Rdc:CH16502,Agilent33420A MICRO OHMMETER.
4. Heat Rated Current (Irms) will cause the coil temperature rise approximately Δ T of 40℃
5. Saturation Current (Isat) will cause L0 to drop approximately 30%.
6. The part temperature (ambient + temp rise) should not exceed 125℃under worst case operating conditions.Circuit design,component,PCB trace size and
thickness,airflow and other cooling provisions all affect the part temperature. Part temperature should be verified in the end application.
7. Special inquiries besides the above common used types can be met on your requirement.
Rev 2.0 :
www.leiditech.com
12.01.2019
2/9
LM0605H-Series(G)-D



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com