Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3085ESA Datasheet(PDF) 12 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM3085ESA
Description  5V power supply half-duplex, with 짹16KV ESD protection, 1Mbps communication rate, 256-node RS485/RS422 transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM3085ESA Datasheet(HTML) 12 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Back Button LM3085ESA Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3085ESA Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3085ESA Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3085ESA Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3085ESA Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3085ESA Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3085ESA Datasheet HTML 10Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3085ESA Datasheet HTML 11Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3085ESA Datasheet HTML 12Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
封装尺寸
符号
最小值/mm
典型值/mm
最大值/mm
A
1.50
1.60
1.70
A1
0.1
0.15
0.2
A2
1.35
1.45
1.55
b
0.355
0.400
0.455
D
4.800
4.900
5.00
E
3.780
3.880
3.980
E1
5.800
6.000
6.200
e
1.270BSC
L
0.40
0.60
0.80
c
0.153
0.203
0.253
θ
-2°
-4°
-6°
SOP8 外形尺寸
具有±16KV ESD 保护,1Mbps 通迅速率,256 节点 RS485/RS422 收发器
LM3085ESA
5V 供电 半双工,
定购信息
定购代码
温度
封装
-40℃~85℃
SOP-8
编带式包装为 2500 颗/盘
LM3085ESA
Shanghai Leiditech Electronic Co.,Ltd
Email: sale1@leiditech.com
Tel : +86- 021 50828806
Fax : +86- 021 50477059
Rev :
www.leiditech.com
01.06.2018
12/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com