Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3407A Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM3407A
Description  P-Channel Super Enhancement Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM3407A Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM3407A Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3407A Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3407A Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3407A Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3407A Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
■ Electrical Characteristics (TJ=25℃ unless otherwise noted)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Static Parameter
Drain-Source Breakdown Voltage
BVDSS
VGS= 0V, ID=-250μA
-30
V
Zero Gate Voltage Drain Current
IDSS
VDS=-30V,VGS=0V,TC=25℃
-1
μA
Gate-Body Leakage Current
IGSS
VGS= ±20V, VDS=0V
±100
nA
Gate Threshold Voltage
VGS(th)
VDS= VGS, ID=-250μA
-1.0
-1.5
-2.4
V
Static Drain-Source On-Resistance
RDS(ON)
VGS= -10V, ID=-4.1A
46
60
mΩ
VGS= -4.5V, ID=-3.5A
58
75
Diode Forward Voltage
VSD
IS=-4.1A,VGS=0V
-0.8
-1.2
V
Maximum Body-Diode Continuous Current
IS
-4.1
A
Dynamic Parameters
Input Capacitance
Ciss
VDS=-15V,VGS=0V,f=1MHZ
580
pF
Output Capacitance
Coss
98
Reverse Transfer Capacitance
Crss
74
Switching Parameters
Total Gate Charge
Qg
VGS=-10V,VDS=-15V,ID=-4.1A
6.8
nC
Gate Source Charge
Qgs
1.0
Gate Drain Charge
Qgd
1.4
Turn-on Delay Time
tD(on)
VGS=-10V,VDD=-15V, RL=15Ω,ID=-1A,
RGEN=2.5Ω
14
ns
Turn-on Rise Time
tr
61
Turn-off Delay Time
tD(off)
19
Turn-off Fall Time
tf
10
A.
Pulse Test: Pulse Width≤300us,Duty cycle ≤2%.
B.
Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch.
LM3407A
Rev :
www.leiditech.com
01.06.2017
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com