Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4401K Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM4401K
Description  Low Gate Charge N?묬hannel Device
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM4401K Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM4401K Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4401K Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4401K Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4401K Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4401K Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise stated)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
20
27
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/TJ
22
mV/
°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V, VDS = 16 V
1.0
mA
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = ±12 V
10
mA
ON CHARACTERISTICS (Note 2)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250 mA
0.6
0.92
1.5
V
Gate Threshold Temperature
Coefficient
VGS(TH)/TJ
−2.1
mV/
°C
Drain−to−Source On Resistance
RDS(on)
VGS = 4.5 V, ID = 0.63 A
0.29
0.375
W
VGS = 2.5 V, ID = 0.40 A
0.36
0.445
Forward Transconductance
gFS
VDS = 4.0 V, ID = 0.63 A
2.0
S
CHARGES AND CAPACITANCES
Input Capacitance
CISS
VGS = 0 V, f = 1.0 MHz,
VDS = 20 V
33
46
pF
Output Capacitance
COSS
13
22
Reverse Transfer Capacitance
CRSS
2.8
5.0
Total Gate Charge
QG(TOT)
VGS = 4.5 V, VDS = 10 V,
ID = 0.63 A
1.3
3.0
nC
Threshold Gate Charge
QG(TH)
0.1
Gate−to−Source Charge
QGS
0.2
Gate−to−Drain Charge
QGD
0.4
SWITCHING CHARACTERISTICS (Note 3)
Turn−On Delay Time
td(ON)
VGS = 4.5 V, VDD = 10 V,
ID = 0.5 A, RG = 20 W
0.083
ms
Rise Time
tr
0.227
Turn−Off Delay Time
td(OFF)
0.786
Fall Time
tf
0.506
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V,
IS =0.23 A
TJ = 25°C
0.76
1.1
V
TJ = 125°C
0.63
Reverse Recovery Time
tRR
VGS = 0 V, dIS/dt = 100 A/ms,
IS = 0.63 A
0.410
ms
2. Pulse Test: pulse width
≤ 300 ms, duty cycle ≤ 2%.
3. Switching characteristics are independent of operating junction temperatures.
Rev :
www.leiditech.com
01.06.2015
2/5
LM4401k



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com