Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4801 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM4801
Description  LCE P-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM4801 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM4801 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4801 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4801 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4801 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4801 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4801 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LM4801
Description
The LM4801 uses advanced trench technology to provide
excellent RDS(ON), low gate charge and operation with gate
voltages as low as 2.5V. This device is suitable for use as a
load switch or in PWM applications.
General Features
●
VDS = -30V,ID = -5A
RDS(ON) < 80mΩ @ VGS=-2.5V
RDS(ON) < 57mΩ @ VGS=-4.5V
RDS(ON) < 48mΩ @ VGS=-10V
●
High power and current handing capability
●
Lead free product is acquired
●
Surface mount package
Application
●
PWM applications
●
Load switch
●
Power management
Schematic diagram
Package Marking And Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
NCE4801
LM4801
SOP-8
Ø330mm
12mm
4000
units
Absolute Maximum Ratings (TA=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
±12
V
Drain Current-Continuous
ID
-5
A
Drain Current-Pulsed
(Note 1)
IDM
-28
A
Maximum Power Dissipation
PD
2
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
℃
Thermal Characteristic
Thermal Resistance,Junction-to-Ambient
(Note 2)
RθJA
62.5
/W
℃
Electrical Characteristics (TA=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=-250μA
-30
-
V
Zero Gate Voltage Drain Current
IDSS
VDS=-30V,VGS=0V
-
-
-1
μA
LCE P-Channel Enhancement Mode Power MOSFET
Rev :
www.leiditech.com
01.06.2017
1/6
Marking and Pin Assignment
SOP-8 top view


Similar Part No. - LM4801

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4801 NSC-LM4801 Datasheet
725Kb / 20P
1W Stereo Audio Amplifier Plus Adjustable LDO
LM4801MH NSC-LM4801MH Datasheet
725Kb / 20P
1W Stereo Audio Amplifier Plus Adjustable LDO
More results

Similar Description - LM4801

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LCE15P25JK LEIDITECH-LCE15P25JK Datasheet
1Mb / 6P
LCE P-Channel Enhancement Mode Power MOSFET
LCE55P15K LEIDITECH-LCE55P15K Datasheet
1Mb / 6P
LCE P-Channel Enhancement Mode Power MOSFET
LCE60P65K LEIDITECH-LCE60P65K Datasheet
1Mb / 6P
LCE P-Channel Enhancement Mode Power MOSFET
LCE60P04SN LEIDITECH-LCE60P04SN Datasheet
946Kb / 6P
LCE P-Channel Enhancement Mode Power MOSFET
LCE2301B LEIDITECH-LCE2301B Datasheet
1Mb / 3P
LCE P-Channel Enhancement Mode Power MOSFET
LCE20P45Q LEIDITECH-LCE20P45Q Datasheet
718Kb / 5P
LCE P-Channel Enhancement Mode Power MOSFET
LM2D16P01 LEIDITECH-LM2D16P01 Datasheet
994Kb / 5P
LCE P-Channel Enhancement Mode Power MOSFET
LM3D45P02 LEIDITECH-LM3D45P02 Datasheet
790Kb / 5P
LCE P-Channel Enhancement Mode Power MOSFET
LM8S12P03 LEIDITECH-LM8S12P03 Datasheet
958Kb / 6P
LCE P-Channel Enhancement Mode Power MOSFET
LMFB30P10K LEIDITECH-LMFB30P10K Datasheet
1Mb / 6P
LCE P-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com