Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H-5/3-1/2 Datasheet(PDF) 1 Page - Festo Corporation.

Part # H-5/3-1/2
Description  Toggle lever valve
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

H-5/3-1/2 Datasheet(HTML) 1 Page - Festo Corporation.

  H-5/3-1/2 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Toggle lever valve
H-5/3-1/2
Part number: 4920
Data sheet
Feature
Value
Valve function
5/3, closed
Actuation type
Manual
Standard nominal flow rate
2700 l/min
Pneumatic working port
G1/2
Reset method
Mechanical spring
Nominal width
12 mm
Type code
H
Sealing principle
Soft
Type of control
Pilot-controlled
Flow direction
Non-reversible
Symbol
00991400
Pneumatic connection 1
G1/2
Pneumatic connection 2
G1/2
Pneumatic connection 3
G1/2
11/1/21 - Subject to change - Festo AG & Co. KG
1/1


Similar Part No. - H-5/3-1/2

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
H-5/3-1/4 FESTO-H-5/3-1/4 Datasheet
79Kb / 1P
Toggle lever valve
4/10/22
More results

Similar Description - H-5/3-1/2

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VHEF-V-B52-G14 FESTO-VHEF-V-B52-G14 Datasheet
84Kb / 2P
Toggle lever valve
VHEF-VT-B32-G18 FESTO-VHEF-VT-B32-G18 Datasheet
84Kb / 2P
Toggle lever valve
VHEF-V-B52-N14 FESTO-VHEF-V-B52-N14 Datasheet
84Kb / 2P
Toggle lever valve
VHEF-V-B52-N18 FESTO-VHEF-V-B52-N18 Datasheet
85Kb / 2P
Toggle lever valve
VHEF-V-M52-M-N14 FESTO-VHEF-V-M52-M-N14 Datasheet
84Kb / 2P
Toggle lever valve
VHEF-VT-B32-N14 FESTO-VHEF-VT-B32-N14 Datasheet
84Kb / 2P
Toggle lever valve
VHEF-VT-M32-M-N14 FESTO-VHEF-VT-M32-M-N14 Datasheet
84Kb / 2P
Toggle lever valve
VHEF-VT-M32-M-N18 FESTO-VHEF-VT-M32-M-N18 Datasheet
84Kb / 2P
Toggle lever valve
33003 FESTO-33003 Datasheet
80Kb / 1P
Toggle lever valve
2186 FESTO-2186 Datasheet
85Kb / 1P
Toggle lever valve
4/8/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com