Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMC010N08C Datasheet(PDF) 3 Page - ON Semiconductor

Part # FDMC010N08C
Description  N-Channel Shielded Gate PowerTrench짰 MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMC010N08C Datasheet(HTML) 3 Page - ON Semiconductor

  FDMC010N08C Datasheet HTML 1Page - ON Semiconductor FDMC010N08C Datasheet HTML 2Page - ON Semiconductor FDMC010N08C Datasheet HTML 3Page - ON Semiconductor FDMC010N08C Datasheet HTML 4Page - ON Semiconductor FDMC010N08C Datasheet HTML 5Page - ON Semiconductor FDMC010N08C Datasheet HTML 6Page - ON Semiconductor FDMC010N08C Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.onsemi.com
2
Electrical Characteristics T
J = 25 °C unless otherwise noted
Off Characteristics
On Characteristics
Dynamic Characteristics
Switching Characteristics
Drain-Source Diode Characteristics
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
BVDSS
Drain to Source Breakdown Voltage
ID = 250 μA, VGS = 0 V
80
V
ΔBVDSS
ΔTJ
Breakdown Voltage Temperature
Coefficient
ID = 250 μA, referenced to 25 °C
75
mV/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 64 V, VGS = 0 V
1
μA
IGSS
Gate to Source Leakage Current
VGS = ±20 V, VDS = 0 V
±100
nA
VGS(th)
Gate to Source Threshold Voltage
VGS = VDS, ID = 90 μA
2.0
2.9
4.0
V
ΔVGS(th)
ΔTJ
Gate to Source Threshold Voltage
Temperature Coefficient
ID = 90 μA, referenced to 25 °C
-8
mV/°C
rDS(on)
Static Drain to Source On Resistance
VGS = 10 V, ID = 16 A
8.0
10
m
Ω
VGS = 6 V, ID = 8 A
12.3
25
VGS = 10 V, ID = 16 A, TJ = 125 °C
14
18
gFS
Forward Transconductance
VDS = 5 V, ID = 16 A
35
S
Ciss
Input Capacitance
VDS = 40 V, VGS = 0 V,
f = 1 MHz
1070
1500
pF
Coss
Output Capacitance
381
530
pF
Crss
Reverse Transfer Capacitance
20
30
pF
Rg
Gate Resistance
0.1
0.4
0.7
Ω
td(on)
Turn-On Delay Time
VDD = 40 V, ID = 16 A,
VGS = 10 V, RGEN = 6 Ω
919
ns
tr
Rise Time
310
ns
td(off)
Turn-Off Delay Time
17
31
ns
tf
Fall Time
510
ns
Qg
Total Gate Charge
VGS = 0 V to 10 V
VDD = 40 V,
ID = 16 A
15
22
nC
Qg
Total Gate Charge
VGS = 0 V to 6 V
10
14
nC
Qgs
Gate to Source Charge
5
nC
Qgd
Gate to Drain “Miller” Charge
3
nC
Qoss
Output Charge
VDD = 40 V, VGS = 0 V
22.1
nC
Qsync
Total Gate Charge Sync
VDS = 0 V, ID = 16 A
13.3
nC
VSD
Source to Drain Diode Forward Voltage
VGS = 0 V, IS = 2 A
(Note 2)
0.7
1.2
V
VGS = 0 V, IS = 16 A
(Note 2)
0.8
1.3
trr
Reverse Recovery Time
IF = 8 A, di/dt = 300 A/μs
17
30
ns
Qrr
Reverse Recovery Charge
20
33
nC
trr
Reverse Recovery Time
IF = 8 A, di/dt = 1000 A/μs
13
23
ns
Qrr
Reverse Recovery Charge
45
73
nC
Notes:
1. RθJA is determined with the device mounted on a 1 in2 pad 2 oz copper pad on a 1.5 x 1.5 in. board of FR-4 material. RθCA is determined by the user's board design.
2. Pulse Test: Pulse Width < 300
μs, Duty cycle < 2.0%.
3. EAS of 96 mJ is based on starting TJ = 25 °C, L = 3 mH, IAS = 8 A, VDD = 72 V, VGS = 10 V, 100% test at L = 0.1 mH, IAS = 25 A.
4. Pulsed Id please refer to Fig 11 SOA graph for more details.
5. Computed continuous current limited to Max Junction Temperature only, actual continuous current will be limited by thermal & electro-mechanical application board design.
53 °C/W when mounted on
a 1 in2pad of 2 oz copper
125 °C/W when mounted
on a minimum pad of 2 oz
copper
a.
b.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com