Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMD8430 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FDMD8430
Description  Dual N-Channel PowerTrench MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMD8430 Datasheet(HTML) 2 Page - ON Semiconductor

  FDMD8430 Datasheet HTML 1Page - ON Semiconductor FDMD8430 Datasheet HTML 2Page - ON Semiconductor FDMD8430 Datasheet HTML 3Page - ON Semiconductor FDMD8430 Datasheet HTML 4Page - ON Semiconductor FDMD8430 Datasheet HTML 5Page - ON Semiconductor FDMD8430 Datasheet HTML 6Page - ON Semiconductor FDMD8430 Datasheet HTML 7Page - ON Semiconductor FDMD8430 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
FDMD8430
www.onsemi.com
2
Table 1. MOSFET MAXIMUM RATINGS TA = 25°C unless otherwise noted.
Symbol
Parameter
Rating
Units
VDS
Drain to Source Voltage
30
V
VGS
Gate to Source Voltage
±20
V
ID
Drain Current −Continuous
TC = 25°C (Note 1)
95
A
Drain Current − Continuous
TC = 100°C (Note 1)
60
Drain Current − Continuous
TA = 25°C (Figure 1)
28
Drain Current − Pulsed
(Note 2)
562
EAS
Single Pulse Avalanche Energy
(Note 3)
96
mJ
PD
Power Dissipation
TC = 25°C
29
W
Power Dissipation
TA = 25°C (Figure 1)
2.1
TJ, TSTG
Operating and Storage Junction Temperature Range
−55 to +150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Computed continuous current limited to Max Junction Temperature only, actual continuous current will be limited by thermal & electro−
mechanical application board design.
2. Pulse Id refers to Figure 13 Forward Bias Safe Operating Area.
3. EAS of 96 mJ is based on starting TJ = 25°C; L = 0.3 mH, IAS = 31.7 A, VDD = 27 V.
a. 60 °C/W when mounted on
a 1 in
2
pad of 2 oz copper
b.160 °C/W when mounted on
a minimum pad of 2 oz copper
Figure 1.
Figure 2.
Table 2. THERMAL CHARACTERISTICS
RqJC
Thermal Resistance, Junction to Case
4.7
°C/W
RqJA
Thermal Resistance, Junction to Ambient
(Figure 1)
60
4. RqJA is determined with the device mounted on a 1 in2 pad 2 oz copper pad on a 1.5 x 1.5 in. board of FR−4 material, RqCA is determined
by the user’s board design.
Table 3. PACKAGE MARKING AND ORDERING INFORMATION
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDMD8430
FDMD8430
Power 3.3 x 5
13″
12 mm
3000 units



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com