Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMS8350LET40 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FDMS8350LET40
Description  MOSFET N?륝hannel POWERTRENCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMS8350LET40 Datasheet(HTML) 2 Page - ON Semiconductor

  FDMS8350LET40 Datasheet HTML 1Page - ON Semiconductor FDMS8350LET40 Datasheet HTML 2Page - ON Semiconductor FDMS8350LET40 Datasheet HTML 3Page - ON Semiconductor FDMS8350LET40 Datasheet HTML 4Page - ON Semiconductor FDMS8350LET40 Datasheet HTML 5Page - ON Semiconductor FDMS8350LET40 Datasheet HTML 6Page - ON Semiconductor FDMS8350LET40 Datasheet HTML 7Page - ON Semiconductor FDMS8350LET40 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
FDMS8350LET40
www.onsemi.com
2
THERMAL CHARACTERISTICS
Symbol
Parameter
Value
Unit
RqJC
Thermal Resistance, Junction to Case
1.2
°C/W
RqJA
Thermal Resistance, Junction to Ambient (Note 1a)
45
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
BVDSS
Drain to Source Breakdown Voltage
ID = 250 mA, VGS = 0 V
40
V
DBVDSS
/DTJ
Breakdown Voltage Temperature
Coefficient
ID = 250 mA, referenced to 25°C
17
mV/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 32 V, VGS = 0 V
1
mA
IGSS
Gate to Source Leakage Current
VGS = ±20 V, VDS = 0 V
±100
nA
ON CHARACTERISTICS
VGS(th)
Gate to Source Threshold Voltage
VGS = VDS, ID = 250 mA
1.0
1.8
3.0
V
DVGS(th)
/DTJ
Gate to Source Threshold Voltage
Temperature Coefficient
ID = 250 mA, referenced to 25°C
−6
mV/°C
rDS(on)
Static Drain to Source On Resistance
VGS = 10 V, ID = 47 A
0.68
0.85
mW
VGS = 4.5 V, ID = 38 A
0.96
1.2
VGS = 10 V, ID = 47 A, TJ = 150°C
1.1
1.4
gFS
Forward Transconductance
VDS = 5 V, ID = 47 A
247
S
DYNAMIC CHARACTERISTICS
Ciss
Input Capacitance
VDS = 20 V, VGS = 0 V, f = 1 MHz
11850
16590
pF
Coss
Output Capacitance
3430
4805
pF
Crss
Reverse Transfer Capacitance
69
100
pF
Rg
Gate Resistance
0.1
1.2
2.4
W
SWITCHING CHARACTERISTICS
td(on)
Turn-On Delay Time
VDD = 20 V, ID = 47 A, VGS = 10 V,
RGEN = 6 W
32
51
ns
tr
Rise Time
19
34
ns
td(off)
Turn-Off Delay Time
74
118
ns
tf
Fall Time
15
27
ns
Qg
Total Gate Charge
VGS = 0 V to 10 V
156
219
nC
VGS = 0 V to 4.5 V
73
102
nC
Qgs
Gate to Source Charge
VDD = 20 V, ID = 47 A
33
nC
Qgd
Gate to Drain “Miller” Charge
VDD = 20 V, ID = 47 A
16
nC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com