Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8932320FSC Datasheet(PDF) 39 Page - Zilog, Inc.

Part # Z8932320FSC
Description  16-BIT DIGITAL SIGNAL PROCESSORS WITH A/D CONVERTER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8932320FSC Datasheet(HTML) 39 Page - Zilog, Inc.

Back Button Z8932320FSC Datasheet HTML 35Page - Zilog, Inc. Z8932320FSC Datasheet HTML 36Page - Zilog, Inc. Z8932320FSC Datasheet HTML 37Page - Zilog, Inc. Z8932320FSC Datasheet HTML 38Page - Zilog, Inc. Z8932320FSC Datasheet HTML 39Page - Zilog, Inc. Z8932320FSC Datasheet HTML 40Page - Zilog, Inc. Z8932320FSC Datasheet HTML 41Page - Zilog, Inc. Z8932320FSC Datasheet HTML 42Page - Zilog, Inc. Z8932320FSC Datasheet HTML 43Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
Z89223/273/323/373
ZiLOG
16-Bit Digital Signal Processors with A/D Converter
DS000202-DSP0599
39
ADE (Bit 15).
A “0” disables any A/D conversions or ac-
cessing any A/D registers, except writing to the ADE bit.
A “1” enables all A/D accesses.
Reserved (Bits 14, 13).
Reserved for future use.
ADCINT (Bit 12).
The A/D interrupt bit is read-only. The
ADCINT will reset every time this register is written.
ADIT (Bit 11).
Selects when to set the A/D interrupt if in-
terrupts are enabled (ADIE=1). A value of “0” sets the in-
terrupt after the first A/D conversion is complete. A value
of “1” sets the interrupt after the fourth A/D conversion is
complete.
ADIE (Bit 10).
A/D Interrupt Enable. A value of “0” dis-
ables the A/D Interrupt. A value of “1” enables the A/D In-
terrupt.
There are four A/D result registers. See the EXT Register
Assignments for their location in the different banks.
Figure 29. ADCTL Register (LSB)
Table 18. A/D Prescaler Values (Bits 7, 6, 5)
DIV2
DIV1
DIV0
A/D Prescaler
(Crystal divided by)
000
8
001
16
010
24
011
32
100
40
101
48
110
56
111
64
Table 19. Operating Modes (Bits 4, 3)
QUAD
SCAN
Option
00
Convert selected channel 4 times,
then stop
01
Convert selected channel,
then stop.
10
Convert 4 channels,
then stop.
11
Convert 4 channels
continuously.
Table 20. Channel Select (Bits 1, 0)
CSEL1
CSEL0
Channel
0
0
AN0
0
1
AN1
1
0
AN2
1
1
AN3
DIV0
Bank13/EXT0 (LSB)
DIV1
DIV2
CSEL0
CSEL1
(Reserved)
SCAN
QUAD
D7 D6 D5 D4 D3 D2 D1 D0
Figure 30. ADCTL Register (MSB)
Table 21. START (Bits 9, 8)
ADST1
ADST0
Option
00
Conversion starts when this
register is written.
01
Conversion starts on INT1 per
Interrupt Allocation Register
10
Conversion starts on C/T2
time-out.
11
Conversion starts on C/T0
time-out.
ADST0
ADST1
D15 D14 D13 D12 D11 D10 D9 D8
ADIE
(Reserved)
Bank13/EXT0 (MSB)
ADE
ADCINT
ADIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com