Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4295EEE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4295EEE
Description  Mono, 2W, Switch-Mode (Class D) Audio Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4295EEE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4295EEE Datasheet HTML 1Page - Maxim Integrated Products MAX4295EEE Datasheet HTML 2Page - Maxim Integrated Products MAX4295EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4295EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4295EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4295EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4295EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4295EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4295EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Mono, 2W, Switch-Mode (Class D)
Audio Power Amplifier
_______________________________________________________________________________________
5
Typical Operating Characteristics (continued)
(VCC = PVCC = +3V, input amplifier gain = -1, SHDN = VCC , TA = +25°C, unless otherwise noted.)
10
1k
100k
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. INPUT FREQUENCY (VIN = 1.5VP-P)
INPUT FREQUENCY (Hz)
10
1
0.01
0.1
VCC = +3V
RL = 8
Ω
1MHz
125kHz
250kHz
500kHz
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. OUTPUT POWER (fIN = 1kHz)
OUTPUT POWER (W)
100
10
1
0.10
0.1
VCC = +3V
RL = 8
Ω
250kHz
500kHz
125kHz
1MHz
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. OUTPUT POWER (fIN = 20kHz)
OUTPUT POWER (W)
100
10
1
0.10
0.1
VCC = +3V
RL = 8
Ω
125kHz
1MHz
500kHz
250kHz
10
1k
100k
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. INPUT FREQUENCY (VIN = 1.5VP-P)
INPUT FREQUENCY (Hz)
10
1
0.01
0.1
VCC = +3V
RL = 4
Ω
1MHz
125kHz
250kHz
500kHz
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. OUTPUT POWER (fIN = 1kHz)
OUTPUT POWER (W)
100
10
0.1
1
VCC = +3V
RL = 4
Ω
1MHz
250kHz
500kHz
125kHz
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. OUTPUT POWER (fIN = 20kHz)
OUTPUT POWER (W)
100
10
1
0.10
0.1
VCC = +3V
RL = 4
Ω
125kHz
250kHz
500kHz
1MHz
10
1k
100k
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. INPUT FREQUENCY (VIN = 1.5VP-P)
INPUT FREQUENCY (Hz)
10
1
0.01
0.1
VCC = +3V
RL = 32
Ω
1MHz
125kHz
250kHz
500kHz
0
0.05
0.10
0.15
0.20
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. OUTPUT POWER (fIN = 1kHz)
OUTPUT POWER (W)
100
10
1
0.10
0.1
VCC = +3V
RL = 32
Ω
250kHz
125kHz
500kHz
1MHz
0
0.05
0.10
0.15
0.20
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. OUTPUT POWER (fIN = 20kHz)
OUTPUT POWER (W)
100
10
1
0.10
0.1
VCC = +3V
RL = 32
Ω
250kHz
500kHz
1MHz
125kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com