Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4397DACTM Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX4397DACTM
Description  Audio/Video Switch for Dual SCART Connectors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4397DACTM Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX4397DACTM Datasheet HTML 9Page - Maxim Integrated Products MAX4397DACTM Datasheet HTML 10Page - Maxim Integrated Products MAX4397DACTM Datasheet HTML 11Page - Maxim Integrated Products MAX4397DACTM Datasheet HTML 12Page - Maxim Integrated Products MAX4397DACTM Datasheet HTML 13Page - Maxim Integrated Products MAX4397DACTM Datasheet HTML 14Page - Maxim Integrated Products MAX4397DACTM Datasheet HTML 15Page - Maxim Integrated Products MAX4397DACTM Datasheet HTML 16Page - Maxim Integrated Products MAX4397DACTM Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Video Outputs
The DC level at the video outputs is controlled so that
coupling capacitors are not required, and all of the video
outputs are capable of driving a DC-coupled, 150Ω,
back-terminated coax load with respect to ground.
In a typical television input circuit (see Figure 3), the
video output driver on the SCART chip only needs to
source current. Users should note that, while the
SCART specification states 75Ω impedance, in prac-
tice, typical SCART chip implementations assume 75Ω
input resistance to ground (and source current from the
video output stage).
Since some televisions and VCRs use the horizontal
sync height for automatic gain control, the
MAX4397DA/SA accurately reproduce the sync height
to within ±2%.
Slow Switching
The MAX4397DA/SA support the IEC 933-1,
Amendment 1, tri-level slow switching that selects the
aspect ratio for the display (TV). Under I2C-compatible
control, the MAX4397DA/SA set the slow-switching out-
put voltage level. Table 1 shows the valid input levels of
the slow-switching signal and the corresponding oper-
ating modes of the display device.
Two bidirectional ports are available for slow-switching
signals for the TV and VCR. The slow-switching input
status is continuously read and stored in the register
0Eh. The slow-switching outputs can be set to a logic
level or high impedance by writing to registers 07h and
09h. See Tables 8 and 10 for details.
Fast Switching
The VCR or MPEG decoder outputs a fast-switching
signal to the display device or TV to insert an on-screen
display (OSD). The fast-switching signal can also be
set to a constant high or low output signal through the
I2C interface. The fast-switching output can be set
through writing to register 07h.
Y/C Mixer
The MAX4397DA/SA include an on-chip mixer to pro-
duce Composite video (CVBS) when S-video (Y and C)
is present. The Composite video drives the
RF_CVBS_OUT output pin. The circuit sums Y and C
signals to obtain the CVBS component. A +6dB output
buffer drives RF_CVBS_OUT.
Video Reconstruction Filter
The encoder DAC outputs need to be lowpass-filtered
to reject the out-of-band noise. The MAX4397DA/SA
integrate the reconstruction filter. The filter is fourth
order, which is composed of two Sallen-Key biquad in
cascade, implementing a Butterworth-type transfer
function. The internal reconstruction filters feature a
5.5MHz cutoff frequency and -30dB minimum attenua-
tion at 27MHz. Note that the SET pin is used to set the
accuracy of the filter cutoff frequency. Connect a
100kΩ resistor from SET to ground.
SCART Audio Switching
Audio Inputs
All audio inputs for the MAX4397SA are single-ended
and AC-coupled. The MAX4397DA audio inputs are
singled-ended and AC-coupled except for the audio
encoder input, which is differential DC-coupled.
The audio block has three stereo audio inputs from the
TV, the VCR, and the MPEG decoder SCART. Each
input has a 100kΩ resistor connected to an internally
generated voltage equal to 0.23 x V12, except for the
encoder input of the MAX4397DA, where the DC bias is
fixed externally.
Audio/Video Switch for Dual SCART Connectors
______________________________________________________________________________________
13
Table 1. Slow-Switching Modes
SLOW-SWITCHING
SIGNAL VOLTAGE
(V)
MODE
0 to 2
Display device uses an internal source
such as a built-in tuner to provide a
video signal
4.5 to 7.0
Display device uses a video signal from
the SCART connector and sets the
display to a 16:9 aspect ratio
9.5 to 12.6
Display device uses a signal from the
SCART connector and sets the display
to a 4:3 aspect ratio
MAX4397DA/SA
SET-TOP BOX
TV
+5V
VIDEO
OUTPUT
DC
RESTORE
SCART
CABLE
0.1µF
5kΩ
75Ω
INPUT
TERMINATION
RESISTOR
75Ω
BACK
TERMINATION
RESISTOR
Figure 3. Typical TV Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com