Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4397SACTM Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4397SACTM
Description  Audio/Video Switch for Dual SCART Connectors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4397SACTM Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4397SACTM Datasheet HTML 1Page - Maxim Integrated Products MAX4397SACTM Datasheet HTML 2Page - Maxim Integrated Products MAX4397SACTM Datasheet HTML 3Page - Maxim Integrated Products MAX4397SACTM Datasheet HTML 4Page - Maxim Integrated Products MAX4397SACTM Datasheet HTML 5Page - Maxim Integrated Products MAX4397SACTM Datasheet HTML 6Page - Maxim Integrated Products MAX4397SACTM Datasheet HTML 7Page - Maxim Integrated Products MAX4397SACTM Datasheet HTML 8Page - Maxim Integrated Products MAX4397SACTM Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Audio/Video Switch for Dual SCART Connectors
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(V12 = 12V, VVID = VAUD = 5V, 0.1µF X5R capacitor in parallel with a 10µF aluminum electrolytic capacitor from VAUD to GNDAUD,
V12 to GNDAUD, and VVID to GNDVID, SET = 100kΩ nominal, RLOAD = 150Ω, TA = 0°C to +70°C, unless otherwise noted. Typical
values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VVID to GNDVID........................................................-0.3V to +6V
V12 to GNDAUD .....................................................-0.3V to +14V
VAUD to GNDAUD ....................................................-0.3V to +6V
GNDAUD to GNDVID ............................................-0.1V to +0.1V
All Video Inputs, ENCIN_FS, VCRIN_FS,
SET to GNDVID......................................-0.3V to (VVID + 0.3V)
All Audio Inputs,
AUDBIAS to GNDAUD .........................-0.3V to (VAUD + 0.3V)
SDA, SCL, DEV_ADDR to GNDVID ..........................-0.3V to +6V
All Audio Outputs, TV_SS,
VCR_SS to GNDAUD...............................-0.3V to (V12 + 0.3V)
All Video Outputs, TVOUT_FS to VVID, VAUD,
GNDAUD, GNDVID ................................................Continuous
All Audio Outputs to VVID, VAUD, V12,
GNDVID, GNDAUD ................................................Continuous
Continuous Power Dissipation (TA = +70°C)
48-Pin Thin QFN (derate 27mW/°C above +70°C)......2105.3mW
Operating Temperature Range...............................0°C to +70°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VVID Supply Voltage Range
VVID
Inferred from video gain test at 4.75V
and 5.2V
4.75
5.0
5.25
V
VAUD Supply Voltage Range
VAUD
Inferred from audio gain test at 4.75V
and 5.2V
4.75
5.0
5.25
V
V12 Supply Voltage Range
V12
Inferred from slow switching levels
11.4
12.0
12.6
V
VVID Quiescent Supply Current
IVID_Q
All video output amplifiers are enabled,
no load
69
100
mA
VVID Standby Supply Current
IVID_S
All video output amplifiers are in shutdown,
and TV_FS_OUT driver is in shutdown, no
load
40
60
mA
VAUD Quiescent Supply Current
IAUD_Q
No load
2.4
6
mA
V12 Quiescent Supply Current
I12_Q
No load
3.6
6
mA
VIDEO CHARACTERISTICS
CVBS and Y/C, 1VP-P input
+5.5
+6.0
+6.5
+4.5
+5.0
+5.5
+5.5
+6.0
+6.5
Voltage Gain
G_V
R,G,B, 1VP-P input, (programmable gain
control)
+6.5
+7.0
+7.5
dB
LP Filter Passband Flatness
TA = +25°C, f = 5.5MHz, VIN = 1VP-P
-1
-0.52
+1
dB
LP Filter Attenuation at 27MHz
TA = +25°C, f = 27MHz, VIN = 1VP-P
30
40
dB
Slew Rate
SR
VOUT = 2VP-P
16
V/µs
Settling Time
tS
VOUT = 2VP-P, settle to 0.1% (Note 2)
300
ns
Gain Matching
AG
1VP-P input, between RGB or Y/C
-0.5
+0.5
dB
Differential Gain
DG
5-step modulated staircase
0.4
%
Differential Phase
DP
5-step modulated staircase
0.2
degrees
Signal-to-RMS Noise
SNR_V
VIN = 1VP-P
65
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com