Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9N20LP Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM9N20LP
Description  N-Channel Enhancement Mode Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM9N20LP Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM9N20LP Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM9N20LP Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM9N20LP Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM9N20LP Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM9N20LP Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LM9N20LP Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LM9N20LP Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LM9N20LP Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LM9N20LP Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Typical Characteristics T
J = 25º
C, unless otherwise noted
0.9
0.95
1
1.05
1.1
1.15
-50
0
50
100
150
V
GS = 0V ID = 250uA
0
0.5
1
1.5
2
2.5
3
-50
0
50
100
150
V
GS = 10V ID = 4.5A
Figure 3. Drain Current vs. Temperature
Figure 4. BV
DSS Variation vs. Temperature
Figure 5. Transfer Characteristics
Figure 6. On-Resistance vs. Temperature
0
2
4
6
8
10
0
30
60
90
120
150
T
C, Case Temperature (A)
T
J, Junction Temperature (º
C)
V
GS, Gate-to-Source Voltage (V)
T
J, Junction Temperature (º
C)
T
J = 150º
C
T
J = 25º
C
Figure 1. Output Characteristics (T
J = 25º
C)
Figure 2. Body Diode Forward Voltage
V
DS, Drain-to-Source Voltage (V)
V
SD, Source-to-Drain Voltage (V)
0.2
0.4
0.6
0.8
1
1.2
1.4
102
100
10-1
101
T
J = 150º
C
T
J = 25º
C
0
2
4
6
8
10
12
14
16
0
2
4
6
8
10
12
14
16
18
20
20V
10V
8V
7V
6V
5V
0
2
4
6
8
10
12
0
2
4
6
8
10
Rev 2.0 :
www.leiditech.com
12.01.2019
3/9
LMAK9N20



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com