Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z02201 Datasheet(PDF) 49 Page - Zilog, Inc.

Part # Z02201
Description  V.22BIS Data Pump with INTEGRATED AFE
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z02201 Datasheet(HTML) 49 Page - Zilog, Inc.

Back Button Z02201 Datasheet HTML 45Page - Zilog, Inc. Z02201 Datasheet HTML 46Page - Zilog, Inc. Z02201 Datasheet HTML 47Page - Zilog, Inc. Z02201 Datasheet HTML 48Page - Zilog, Inc. Z02201 Datasheet HTML 49Page - Zilog, Inc. Z02201 Datasheet HTML 50Page - Zilog, Inc. Z02201 Datasheet HTML 51Page - Zilog, Inc. Z02201 Datasheet HTML 52Page - Zilog, Inc. Z02201 Datasheet HTML 53Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 77 page
background image
=
9%,6 'DWD3XPSZLWK ,QWHJUDWHG $)(
36

&6/(JANGX
# ± G%P
'70) 7UDQVPLW/HYHO ² +LJK%DQG
'70)OBOHY
$ ± G%P
'70) 7UDQVPLW/HYHO ² /RZ %DQG
7KHVH DUH WKH WUDQVPLW OHYHOV IRU WKH'70) ORZ EDQG '70)OBOHY
DQG '70) KLJK EDQG '70)KBOHY IUHTXHQFLHV 7KH OHYHOV DUH VHW
E\ WKH IROORZLQJ IRUPXOD ZKHUH OHY LV VSHFLILHG LQ G%P DQG OHVV RU
HTXDO WR 
&KDQJH LQ YDOXH WDNHV HIIHFW LQ  PVHF 7KH GDWD SXPS VHWV
WKHVH ORFDWLRQV WR WKHLU GHIDXOW YDOXHV DWDQ\ UHVHW
7RQH*HQ$
 ²
7RQH *HQHUDWRU $
7RQH*HQ%
 ²
7RQH *HQHUDWRU %
7KH GDWD SXPS KDV WZR LQGHSHQGHQW WRQH JHQHUDWRUV HDFK
VLPXOWDQHRXVO\ JHQHUDWLQJ D SXUH WRQH ZLWK LWV RZQ WUDQVPLW OHYHO
ZKHQ &RQILJ UHJLVWHU ELWV ± 02'( LV  WUDQVPLW WRQHV  7KH
RXWSXWV RI WKH WRQH JHQHUDWRUV DUH PL[HG WRJHWKHU 7KH JHQHUDWHG
IUHTXHQFLHV DUH VHW E\ ZULWLQJ D FRHIILFLHQW WR ORFDWLRQ 7RQH*HQ$ RU
7RQH*HQ% 7KH FRHIILFLHQW LV GHILQHG DV WKH IROORZLQJ ZKHUH I LV
WKH IUHTXHQF\ RI WKH WRQH WR EH JHQHUDWHG
7KHWUDQVPLW OHYHOV IRU WRQH JHQHUDWRUV $ DQG% DUH VHW LQ ORFDWLRQV
'70)OBOHY DQG '70)KBOHY UHVSHFWLYHO\ 6HH ³7UDQVPLWWLQJ
7RQHV´ IRU PRUH LQIRUPDWLRQ LQFOXGLQJ D GHVFULSWLRQ RI VHWWLQJ WKH
WRQH WUDQVPLVVLRQ OHYHOV
7[/HYHO
 ± G%P 7UDQVPLW 3RZHU /HYHO
7R VHWV WKH WUDQVPLW SRZHU OHYHO XVH WKH IROORZLQJ IRUPXOD ZKHUH
SRZHULV VSHFLILHG LQ G%P DQG OHVV WKDQ RU HTXDOWR ±
&KDQJH LQ YDOXH WDNHV HIIHFW DW WKHHQG RI WKH EDXGSHULRG
6HT&RXQW
( 1RQH
'LDO7LPHU ,QWHU3XOVH&RXQW
6HH 6HT&RXQW
6HT&RXQW
'  PVHF 'LDO 7LPHU 2II &RXQW
6HH 6HTFRXQW
7DEOH 0RGHP'DWD 3XPS:RUG 'HILQLWLRQV &RQWLQXHG
5HJLVWHU $GGUHVV
KH[
'HIDXOW
9DOXH
)XQFWLRQDQG([SODQDWLRQ
&6/(NGX

NGX
() 
‰

¼

EQGHHZ
p H
¼

 
¼

6Z.GXGN
 RQYGT
() 
‰

¼




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com