Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8018010FSC Datasheet(PDF) 49 Page - Zilog, Inc.

Part # Z8018010FSC
Description  Microprocessor Unit
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8018010FSC Datasheet(HTML) 49 Page - Zilog, Inc.

Back Button Z8018010FSC Datasheet HTML 45Page - Zilog, Inc. Z8018010FSC Datasheet HTML 46Page - Zilog, Inc. Z8018010FSC Datasheet HTML 47Page - Zilog, Inc. Z8018010FSC Datasheet HTML 48Page - Zilog, Inc. Z8018010FSC Datasheet HTML 49Page - Zilog, Inc. Z8018010FSC Datasheet HTML 50Page - Zilog, Inc. Z8018010FSC Datasheet HTML 51Page - Zilog, Inc. Z8018010FSC Datasheet HTML 52Page - Zilog, Inc. Z8018010FSC Datasheet HTML 53Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 124 page
background image
Z 8018x Fam il
y
M PU Use r M anual
34
UM005001-ZMP0400
• Data Bus, 3-state
SLEEP mode is exited in one of two ways as described below.
• RESET Exit from SLEEP mode. If the RESET input is held Low for
at least six clock cycles, it exits SLEEP mode and begins the normal
RESET sequence with execution starting at address (logical and
physical) 00000H.
• Interrupt Exit from SLEEP mode. The SLEEP mode is exited by
detection of an external (NMI, INT0, INT2) or internal (ASCI,
CSI/O, PRT) interrupt.
In case of NMI, SLEEP mode is exited and the CPU begins the normal
NMI interrupt response sequence.
In the case of all other interrupts, the interrupt response depends on the
state of the global interrupt enable flag IEF1 and the individual interrupt
source enable bit.
If the individual interrupt condition is disabled by the corresponding
enable bit, occurrence of that interrupt is ignored and the CPU remains in
the SLEEP mode.
Assuming the individual interrupt condition is enabled, the response to
that interrupt depends on the global interrupt enable flag (IEF1). If
interrupts are globally enabled (IEF1 is 1) and an individually enabled
interrupt occurs, SLEEP mode is exited and the appropriate normal
interrupt response sequence is executed.
If interrupts are globally disabled (IEF1 is 0) and an individually enabled
interrupt occurs, SLEEP mode is exited and instruction execution begins
with the instruction following the SLP instruction. This feature provides a
technique for synchronization with high speed external events without
incurring the latency imposed by an interrupt response sequence.
Figure 21 depicts SLEEP timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com