Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BISC-108-32/L Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BISC-108-32/L
Description  LF (70/455 kHz)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BISC-108-32/L Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BISC-108-32/L Datasheet HTML 1Page - Balluff Korea Ltd. BISC-108-32/L Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LF (70/455 kHz)
BIS C-108-32/L
Order Code: BIS000K
Internet
www.balluff.com
eCl@ss 9.1: 27-28-04-02
Subject to change without notice: 125212
ETIM 6.0: EC002996
BIS000K_1.16_2021-05-08
1 / 2
1) Sensing surface
Basic features
Antenna type
round
Approval/Conformity
CE
cULus
EAC
WEEE
EN 55011
Size 1, Cl. A
Principle of operation
Data carrier
Electrical data
Data retention time/years
≥ 10
Memory organization
64 × 8 bits
Programming cycles
Unlimited
Programming time
for 64x8 bits: 1.1s
for 1x8 bits: 0.45s
Read cycles
Unlimited
Read time
for 64x8 bits: 0.33 s
Environmental conditions
Ambient temperature
-30...70 °C
Continuous shock load
yes
EN 60068-2-27, Shock
yes
EN 60068-2-32 Free fall
yes
EN 60068-2-6, Vibration
yes
IP rating
IP68
Storage temperature
-30...85 °C
Functional Characteristics
Memory type
EEPROM
User data, read/write
8192 Byte
Material
Housing material
PBT
Mechanical data
Application weight
28.00 g
Dimension
32 x 11 x 52 mm
Installation
metal-free (clear zone)
on metal
flush in metal
Remarks
Time specification includes data check.
For installation requirements see corresponding read/write head.
Values are under rated conditions unless otherwise specified.


Similar Part No. - BISC-108-32/L

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BISC-108-05/L BALLUFF-BISC-108-05/L Datasheet
104Kb / 2P
LF (70/455 kHz)
BISC-108-11/L BALLUFF-BISC-108-11/L Datasheet
103Kb / 2P
LF (70/455 kHz)
More results

Similar Description - BISC-108-32/L

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BIS00L4 BALLUFF-BIS00L4 Datasheet
175Kb / 3P
LF (70/455 kHz)
BAE0095 BALLUFF-BAE0095 Datasheet
91Kb / 1P
LF (70/455 kHz)
BAE0096 BALLUFF-BAE0096 Datasheet
91Kb / 1P
LF (70/455 kHz)
BAM012C BALLUFF-BAM012C Datasheet
103Kb / 1P
LF (70/455 kHz)
BIS000M BALLUFF-BIS000M Datasheet
102Kb / 2P
LF (70/455 kHz)
BIS000N BALLUFF-BIS000N Datasheet
104Kb / 2P
LF (70/455 kHz)
BIS00AZ BALLUFF-BIS00AZ Datasheet
142Kb / 3P
LF (70/455 kHz)
BIS00J4 BALLUFF-BIS00J4 Datasheet
108Kb / 2P
LF (70/455 kHz)
BIS00N7 BALLUFF-BIS00N7 Datasheet
139Kb / 3P
LF (70/455 kHz)
BIS00PN BALLUFF-BIS00PN Datasheet
157Kb / 2P
LF (70/455 kHz)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com