Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSCSM170HM45CT3AG Datasheet(PDF) 1 Page - Microchip Technology

Part # MSCSM170HM45CT3AG
Description  Full Bridge SiC MOSFET Power Module
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MSCSM170HM45CT3AG Datasheet(HTML) 1 Page - Microchip Technology

  MSCSM170HM45CT3AG Datasheet HTML 1Page - Microchip Technology MSCSM170HM45CT3AG Datasheet HTML 2Page - Microchip Technology MSCSM170HM45CT3AG Datasheet HTML 3Page - Microchip Technology MSCSM170HM45CT3AG Datasheet HTML 4Page - Microchip Technology MSCSM170HM45CT3AG Datasheet HTML 5Page - Microchip Technology MSCSM170HM45CT3AG Datasheet HTML 6Page - Microchip Technology MSCSM170HM45CT3AG Datasheet HTML 7Page - Microchip Technology MSCSM170HM45CT3AG Datasheet HTML 8Page - Microchip Technology MSCSM170HM45CT3AG Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
MSCSM170HM45CT3AG
Full Bridge SiC MOSFET Power Module
Product Overview
The MSCSM170HM45CT3AG device is a full bridge 1700 V, 64 A silicon carbide (SiC) MOSFET power module.
Note:  All multiple inputs and outputs, such as pins 13/14, 29/30, 22/23 and so on, must be shorted together.
All ratings at TJ = 25 °C, unless otherwise specified.
Caution: These devices are sensitive to electrostatic discharge. Proper handling procedures must be followed.
© 2021 Microchip Technology Inc.
Datasheet
DS00003954A-page 1


Similar Part No. - MSCSM170HM45CT3AG

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MSCSM170HM087CAG MICROCHIP-MSCSM170HM087CAG Datasheet
1Mb / 16P
Full Bridge SiC Power Module
2021
MSCSM170HM12CAG MICROCHIP-MSCSM170HM12CAG Datasheet
1Mb / 16P
Full Bridge SiC Power Module
A 05/2021
MSCSM170HM23CT3AG MICROCHIP-MSCSM170HM23CT3AG Datasheet
780Kb / 17P
Full Bridge SiC MOSFET Power Module
2021
More results

Similar Description - MSCSM170HM45CT3AG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTDC10H601G MICROSEMI-APTDC10H601G Datasheet
111Kb / 3P
SiC Diode Full Bridge Power Module
APTDC30H601G MICROSEMI-APTDC30H601G Datasheet
111Kb / 3P
SiC Diode Full Bridge Power Module
APTDC30H1201G MICROSEMI-APTDC30H1201G Datasheet
111Kb / 3P
SiC Diode Full Bridge Power Module
logo
Microchip Technology
MSCSM170HM087CAG MICROCHIP-MSCSM170HM087CAG Datasheet
1Mb / 16P
Full Bridge SiC Power Module
2021
MSCSM170HM23CT3AG MICROCHIP-MSCSM170HM23CT3AG Datasheet
780Kb / 17P
Full Bridge SiC MOSFET Power Module
2021
MSCSM70HM038CAG MICROCHIP-MSCSM70HM038CAG Datasheet
1Mb / 16P
Full Bridge SiC Power Module
A 04/2021
MSCSM70HM05CAG MICROCHIP-MSCSM70HM05CAG Datasheet
1Mb / 16P
Full Bridge SiC Power Module
MSCSM120HM063CAG MICROCHIP-MSCSM120HM063CAG Datasheet
1Mb / 16P
Full Bridge SiC Power Module
A 04/2021
MSCSM120HM083CAG MICROCHIP-MSCSM120HM083CAG Datasheet
1Mb / 16P
Full Bridge SiC Power Module
A 04/2021
MSCSM170HM12CAG MICROCHIP-MSCSM170HM12CAG Datasheet
1Mb / 16P
Full Bridge SiC Power Module
A 05/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com