Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSCSM170TAM45CT3AG Datasheet(PDF) 6 Page - Microchip Technology

Part # MSCSM170TAM45CT3AG
Description  Triple Phase Bridge SiC MOSFET Power Module
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MSCSM170TAM45CT3AG Datasheet(HTML) 6 Page - Microchip Technology

Back Button MSCSM170TAM45CT3AG Datasheet HTML 2Page - Microchip Technology MSCSM170TAM45CT3AG Datasheet HTML 3Page - Microchip Technology MSCSM170TAM45CT3AG Datasheet HTML 4Page - Microchip Technology MSCSM170TAM45CT3AG Datasheet HTML 5Page - Microchip Technology MSCSM170TAM45CT3AG Datasheet HTML 6Page - Microchip Technology MSCSM170TAM45CT3AG Datasheet HTML 7Page - Microchip Technology MSCSM170TAM45CT3AG Datasheet HTML 8Page - Microchip Technology MSCSM170TAM45CT3AG Datasheet HTML 9Page - Microchip Technology MSCSM170TAM45CT3AG Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
The following table lists the temperature sensor NTC of the MSCSM170TAM45CT3AG device.
Table 1-7. Temperature Sensor NTC
Symbol
Characteristic
Min
Typ
Max
Unit
R25
Resistance at 25 °C
—
—
50
—
kΩ
ΔR25/R25
—
—
—
5
—
%
B25/85
T25 = 298.15 K
—
—
3952
—
K
ΔB/B
—
TC = 100 °C
—
4
—
%
Note:  See APT0406—Using NTC Temperature Sensor Integrated into Power Module for more information.
1.4
Typical SiC MOSFET Performance Curve
This section shows the typical SiC MOSFET performance curves of the MSCSM170TAM45CT3AG device.
Figure 1-1. Maximum Thermal Impedance
MSCSM170TAM45CT3AG
Electrical Specifications
© 2021 Microchip Technology Inc.
Datasheet
DS00003966A-page 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com