Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70101 Datasheet(PDF) 17 Page - Microchip Technology

Part # PD70101
Description  PoE IEEE짰 802.3af/at PD Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70101 Datasheet(HTML) 17 Page - Microchip Technology

Back Button PD70101 Datasheet HTML 13Page - Microchip Technology PD70101 Datasheet HTML 14Page - Microchip Technology PD70101 Datasheet HTML 15Page - Microchip Technology PD70101 Datasheet HTML 16Page - Microchip Technology PD70101 Datasheet HTML 17Page - Microchip Technology PD70101 Datasheet HTML 18Page - Microchip Technology PD70101 Datasheet HTML 19Page - Microchip Technology PD70101 Datasheet HTML 20Page - Microchip Technology PD70101 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
...........continued
Pin Number
PD70101 Pin
Name
PD70201 Pin Name Description
26
CSN
CSN
Negative Input of the Current Sense Amplifier. Kelvin
connect to the PGND side of the primary current sense
resistor.
27
CSP
CSP
Positive Input of the Current Sense Amplifier. Kelvin connect
to the Non-PGND side of the primary current sense resistor.
28
PG
PG
Primary Gate Driver. Connect to the gate of the primary side
Power MOSFET, directly or via a resistor.
29
VH
VH
5V High side ( VCC reference) internal LDO Output.
Connect a 0.1 µF or higher ceramic cap from VH to VCC.
30
VCC
VCC
Input Supply to the DC-DC Controller. Connect a 4.7 µF or
higher ceramic capacitor from this pin to PGND. Alternately,
a parallel combination of 1 µF ceramic and greater than 10
µF electrolytic capacitor can be used.
31
VAUX
VAUX
Auxiliary voltage reference to VPN_OUT; this voltage can be
used for DC-DC start up when operated with a bootstrapped
voltage source. For applications with POE power only
connect directly to VCC; for applications using multiple
power sources (such as a wall adapter), connect to VCC pin
through a small, low current, 30 V rated schottky diode.
32
VPP
VPP
This is the positive terminal of the POE input port. Connect
to the positive terminal of the input bridges at the CDET
positive side.
EP
Exposed Pad
Exposed Pad
Thermal Pad; electrically connected to VPN_IN. For proper
thermal management should be tied to a large copper fill or
plane that is electrically connected to VPN_IN.
PD70101 and PD70201
Pin Configuration
© 2020 Microchip Technology Inc.
Datasheet
DS00003738A-page 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com