Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70210 Datasheet(PDF) 12 Page - Microchip Technology

Part # PD70210
Description  PoE IEEE짰 802.3af/at PD Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70210 Datasheet(HTML) 12 Page - Microchip Technology

Back Button PD70210 Datasheet HTML 8Page - Microchip Technology PD70210 Datasheet HTML 9Page - Microchip Technology PD70210 Datasheet HTML 10Page - Microchip Technology PD70210 Datasheet HTML 11Page - Microchip Technology PD70210 Datasheet HTML 12Page - Microchip Technology PD70210 Datasheet HTML 13Page - Microchip Technology PD70210 Datasheet HTML 14Page - Microchip Technology PD70210 Datasheet HTML 15Page - Microchip Technology PD70210 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
...........continued
Symbol
Parameter
Test Conditions/Comment
Min
Typ
Max
Units
Switching Frequency and Synchronization
FFREQ
Switching frequency range
100
500
kHz
FFREQ
Switching frequency accuracy3
RFREQ = 33.2k
285
315
345
kHz
FSYNC
Synchronization frequency range FSYNC > 2x FFREQ
200
1000 kHz
VSYNC-HIGH
Synchronization voltage high
threshold
2.4
5
V
VSYNC-LOW
Synchronization voltage low
threshold
0.8
V
PWSYNC_MIN Synchronization minimum pulse
width
100
ns
PWSYNC_MAX Synchronization maximum PWM
duty
90
%
ISYNC
Synchronization input current
–1.3
1.3
µA
Table 2-7. Error Amplifier
Symbol
Parameter
Test Conditions/Comment
Min
Type
Max
Units
GainDC_OPL
DC Open Loop Gain1
RLOAD = 100k
70
100
dB
AVUGBW
Unity Gain Bandwidth1
CLOAD = 10 pF
2
5
MHz
ICOMP_OUT
Output Sourcing Current
0.2 V ≤ VCOMP ≤ 1.3 V
110
620
µA
ICOMP_IN
Output Sink Current
0.2 V ≤ VCOMP ≤ 1.3 V
145
495
µA
VEA_CMR
Input Common Mode Range
0
2
V
VFB
Feedback Voltage
COMP shorted to FB
1.171
1.200
1.229
V
IFB
FB Pin Input Current
–50
50
nA
VCOMP
Output Clamp Voltage
1.8
2.1
2.6
V
Table 2-8. PWM Comparator
Symbol
Parameter
Test
Conditions/
Comment
Min
Type
Max
Units
VRCLP
RCLP Voltage
Range
0
1
V
Low Power Mode (Skip Pulse Mode)
Low Power
Skip
VCOMP Rising
(% of VRCLP)
95
%
Mode
Threshold1,4
VCOMP Falling
(% of VRCLP)
90
%
PD70101 and PD70201
Electrical Specifications
© 2020 Microchip Technology Inc.
Datasheet
DS00003738A-page 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com