Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70210AL Datasheet(PDF) 24 Page - Microchip Technology

Part # PD70210AL
Description  PoE IEEE짰 802.3af/at PD Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70210AL Datasheet(HTML) 24 Page - Microchip Technology

Back Button PD70210AL Datasheet HTML 20Page - Microchip Technology PD70210AL Datasheet HTML 21Page - Microchip Technology PD70210AL Datasheet HTML 22Page - Microchip Technology PD70210AL Datasheet HTML 23Page - Microchip Technology PD70210AL Datasheet HTML 24Page - Microchip Technology PD70210AL Datasheet HTML 25Page - Microchip Technology PD70210AL Datasheet HTML 26Page - Microchip Technology PD70210AL Datasheet HTML 27Page - Microchip Technology PD70210AL Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
isolated applications,because the internal error amplifier is used to close the regulation loop, the output reaches the
regulation level when SS reaches 1.2 V.
An additional internal offset is added to the FB to ensure that COMP does not reach its upper limit because of
amplifier input offset. This offset is removed (slowly to avoid overshoot) when the SS ramp is complete.
Low Power mode is not supported during SS ramp as it is not necessary.
6.11
Current Limit and Short Circuit Protection
The DC-DC converter is a peak current mode controller; an internal current sense amplifier with a gain of 5 monitors
the voltage across an external current sense resistor and regulates the output based on the current through the
resistor. If the output of the internal current sense amplifier reaches 1.2 V, the converter will truncated the PWM
output, and thus limit the output current.
If the output of the internal current sense amplifier reaches 1.8 V, the controller enters hiccup mode by discharging
the SS capacitor with a constant current that equals 10% of the charging current during ramp up.
This discharge continues until VSS = 50 mV where an internal ~50 Ω MOSFET connected to SS turns on for 25 clock
cycles to ensure the SS capacitor fully discharges to GND before ramping back up and restart. The converter will exit
the hiccup mode when the over current condition is removed.
6.12
Low Power Mode Operation
The devices offer a pulse skipping operation for light load condition, referred to as Low Power Mode (LPM), to
improve the efficiency of light load operation by reducing the power dissipation especially in high frequency switching.
Using an external resistor from RCLP pin to GND, the user can program the output power when the unit enters pulse
skipping.
Pulse skipping mode is disabled until SS ramp is completed, regardless of the LPM status.
6.13
Input (VPP and VCC) Under Voltage Lock Out
The PD interface circuit offers an internal PGOOD signal that can be used to start the DC-DC converter; however, the
threshold of the PGOOD is fixed at VPN_OUT-VPN_IN ≤ 0.7 V. This may not fit all possible applications. Therefore,
the device offers an option to have a programmable UVLO which is tied to level of VPP-VPN_OUT, plus a
programmable hysteresis. The voltage developed across a simple resistor divider is sensed at VINS, and will enable/
disable the PWM controller at a nominal 1.2 V threshold. A third resistor connected between VINS and HYST pins
allows programmable hysteresis. This feature enables the end user to tailor to any desired systems application’s
requirement for turn on and turn off time. In addition to the VPP sensing for UVLO, the devices also have VCC UVLO
to ensure that the PWM controller is always properly powered during operation. These features provide robust
solutions under various systems disturbances.
6.14
External Enable
The PD interface circuit provides an internal PGOOD signal that is used to enable the DC-DC converter when
powered by the PoE input; however, for applications that require input power from a wall adaptor, the internal
PGOOD signal is not functional. For these applications an external enable input is provided, allowing a non-PoE
power source (such as a wall adaptor) the ability to start the DC-DC converter. The Enable pin is active high, and is
driven by a 5 V maximum signal referenced to GND. When the DC-DC converter is powered by the PD interface
(PoE power), the Enable pin will not disable the controller. It may be tied to ground or left floating when not used.
PD70101 and PD70201
Theory of Operation
© 2020 Microchip Technology Inc.
Datasheet
DS00003738A-page 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com