Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70211 Datasheet(PDF) 22 Page - Microchip Technology

Part # PD70211
Description  PoE IEEE짰 802.3af/at PD Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70211 Datasheet(HTML) 22 Page - Microchip Technology

Back Button PD70211 Datasheet HTML 18Page - Microchip Technology PD70211 Datasheet HTML 19Page - Microchip Technology PD70211 Datasheet HTML 20Page - Microchip Technology PD70211 Datasheet HTML 21Page - Microchip Technology PD70211 Datasheet HTML 22Page - Microchip Technology PD70211 Datasheet HTML 23Page - Microchip Technology PD70211 Datasheet HTML 24Page - Microchip Technology PD70211 Datasheet HTML 25Page - Microchip Technology PD70211 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
6.4
Soft Start and Inrush Current Protection
PD70101/PD70201 IC contains an internal isolation switch that provides ground isolation between power source and
PD application during Detection and Classification phases. The isolation switch is a N- channel MOSFET, wired in a
common source configuration where the MOSFET’s Source is connected to Power Source ground at VPN_IN, and
the MOSFET’s Drain is connected to application’s primary ground at VPN_OUT.
Internal logic monitors VPP to VPN_IN voltage and keeps the MOSFET in a high impedance state until VPP to
VPN_IN voltage reaches turn-on threshold of 36 V to 42 V. Once VPP to VPN_IN voltage exceeds this threshold, the
MOSFET is switched into one of two modes.
Mode into which the MOSFET is switched is determined by the voltage developed across the MOSFET, or put
another way, the VPN_OUT to VPN_IN differential voltage. Two modes are defined as in the following table.
Table 6-1. Isolation Switch Modes
VPN_OUT to VPN_IN
Mode
Description
≥0.7 V
Soft start
Limits VPN_OUT current to 240 mA (typical)
≤0.7 V
Normal operating
Limits VPN_OUT current to 1.8 A (typical)
By controlling the MOSFET current based on VPN_OUT to VPN_IN voltage, inrush currents generated by fully
discharged bulk capacitors can be limited. This method limits current to a maximum of 350 mA, compliant with IEEE
802.3af/at specification.
Soft Start current limiting is required to reduce occurrences of voltage sag at the PD input during device power-up. A
comparison is shown in figure 3 (see page 7).
Figure 6-1. Comparison of Input Voltages without Soft-start (Hard Startup) and Soft-start (Soft Startup)
Once bulk capacitance has charged up to a point where VPN_OUT to VPN_IN differential voltage is less than 0.7 V,
the isolation MOSFET is switched into normal operating mode with MOSFET current limit set at 1.8 A (typical), to
provide over-current protection.
PD70101 and PD70201 ICs are different in their respective isolation MOSFET’s continuous current handling
capability. The maximum isolation MOSFET's continuous current handling capability is 450 mA for PD70101 and
1123 mA for PD70201.
An adequate heat sink for the PD70101/PD70201 IC’s exposed pad must be provided to achieve these current levels
without damaging the IC. A large, heavy copper fill area and/or a heavy ground plane with Thermal vias are
recommended.
Internal logic monitoring VPP to VPN_IN will place the isolation switch MOSFET in a high impedance state if voltage
between VPP and VPN_IN drops below 31 V to 34 V.
6.5
Over-Current Protection
An over-current protection is provided on the PD70101/PD70201 IC using the Isolation Switch MOSFET, which limits
the VPN_OUT current to 1.8 A during normal operation. See previous description of Soft Start.
PD70101 and PD70201
Theory of Operation
© 2020 Microchip Technology Inc.
Datasheet
DS00003738A-page 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com