Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ABT373CSCX Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74ABT373CSCX
Description  Octal Transparent Latch with TRI-STATE Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74ABT373CSCX Datasheet(HTML) 1 Page - National Semiconductor (TI)

  74ABT373CSCX Datasheet HTML 1Page - National Semiconductor (TI) 74ABT373CSCX Datasheet HTML 2Page - National Semiconductor (TI) 74ABT373CSCX Datasheet HTML 3Page - National Semiconductor (TI) 74ABT373CSCX Datasheet HTML 4Page - National Semiconductor (TI) 74ABT373CSCX Datasheet HTML 5Page - National Semiconductor (TI) 74ABT373CSCX Datasheet HTML 6Page - National Semiconductor (TI) 74ABT373CSCX Datasheet HTML 7Page - National Semiconductor (TI) 74ABT373CSCX Datasheet HTML 8Page - National Semiconductor (TI) 74ABT373CSCX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TLF11547
September 1995
54ABT74ABT373
Octal Transparent Latch with TRI-STATE
Outputs
General Description
The ’ABT373 consists of eight latches with TRI-STATE out-
puts for bus organized system applications The flip-flops
appear transparent to the data when Latch Enable (LE) is
HIGH When LE is LOW the data that meets the setup
times is latched Data appears on the bus when the Output
Enable (OE) is LOW When OE is HIGH the bus output is in
the high impedance state
Features
Y
TRI-STATE outputs for bus interfacing
Y
Output sink capability of 64 mA source capability of
32 mA
Y
Guaranteed output skew
Y
Guaranteed multiple output switching specifications
Y
Output switching specified for both 50 pF and 250 pF
loads
Y
Guaranteed simultaneous switching noise level and
dynamic threshold performance
Y
Guaranteed latchup protection
Y
High impedance glitch free bus loading during entire
power up and power down
Y
Nondestructive hot insertion capability
Y
Standard Military Drawing (SMD) 5962-9321801
Commercial
Military
Package
Package Description
Number
74ABT373CSC (Note 1)
M20B
20-Lead (0300 Wide) Molded Small Outline JEDEC
74ABT373CSJ (Note 1)
M20D
20-Lead (0300 Wide) Molded Small Outline EIAJ
74ABT373CPC
N20B
20-Lead (0300 Wide) Molded Dual-In-Line
54ABT373J883
J20A
20-Lead Ceramic Dual-In-Line
74ABT373CMSA (Note 1)
MSA20
20-Lead Molded Shrink Small Outline EIAJ Type II
54ABT373W883
W20A
20-Lead Cerpack
54ABT373E883
E20A
20-Lead Ceramic Leadless Chip Carrier Type C
74ABT373CMTC (Notes 1 2)
MTC20
20-Lead Molded Thin Shrink Small Outline JEDEC
Note 1
Devices also available in 13
reel Use suffix e SCX SJX MSAX and MTCX
Note 2
Contact factory for package availability
Connection Diagrams
Pin Assignment
for DIP SOIC SSOP and Flatpak
TLF11547 – 1
Pin Assignment
for LCC
TLF11547 – 2
Pin Names
Description
D0–D7
Data Inputs
LE
Latch Enable Input
(Active HIGH)
OE
Output Enable Input
(Active LOW)
O0–O7
TRI-STATE Latch
Outputs
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - 74ABT373CSCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ABT373CSC FAIRCHILD-74ABT373CSC Datasheet
133Kb / 11P
Octal Transparent Latch with 3-STATE Outputs
74ABT373CSC FAIRCHILD-74ABT373CSC Datasheet
308Kb / 13P
Octal Transparent Latch with 3-STATE Outputs
More results

Similar Description - 74ABT373CSCX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ABT373 NSC-54ABT373 Datasheet
357Kb / 14P
Octal Transparent Latch with TRI-STATE Outputs
54AC373 NSC-54AC373 Datasheet
166Kb / 10P
Octal Transparent Latch with TRI-STATE Outputs
54F373DM NSC-54F373DM Datasheet
174Kb / 8P
Octal Transparent Latch with TRI-STATE Outputs
54F533DM NSC-54F533DM Datasheet
166Kb / 8P
Octal Transparent Latch with TRI-STATE Outputs
54FCT373 NSC-54FCT373 Datasheet
146Kb / 8P
Octal Transparent Latch with TRI-STATE Outputs
54FCT533 NSC-54FCT533 Datasheet
152Kb / 6P
Octal Transparent Latch with TRI-STATE Outputs
74LVX373 NSC-74LVX373 Datasheet
141Kb / 8P
Low Voltage Octal Transparent Latch with TRI-STATE Outputs
DM74AS533 NSC-DM74AS533 Datasheet
126Kb / 4P
Octal D-Type Transparent Latch with TRI-STATE Outputs
logo
Texas Instruments
JM54AC373BRA TI-JM54AC373BRA Datasheet
211Kb / 12P
54AC373 54ACT373 Octal Transparent Latch with TRI-STATE Outputs
54ACQ373 TI1-54ACQ373 Datasheet
214Kb / 10P
Quiet Series Octal Transparent Latch with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com