Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z1601720ASC Datasheet(PDF) 39 Page - Zilog, Inc.

Part # Z1601720ASC
Description  PCMCIA Interface Solution
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z1601720ASC Datasheet(HTML) 39 Page - Zilog, Inc.

Back Button Z1601720ASC Datasheet HTML 35Page - Zilog, Inc. Z1601720ASC Datasheet HTML 36Page - Zilog, Inc. Z1601720ASC Datasheet HTML 37Page - Zilog, Inc. Z1601720ASC Datasheet HTML 38Page - Zilog, Inc. Z1601720ASC Datasheet HTML 39Page - Zilog, Inc. Z1601720ASC Datasheet HTML 40Page - Zilog, Inc. Z1601720ASC Datasheet HTML 41Page - Zilog, Inc. Z1601720ASC Datasheet HTML 42Page - Zilog, Inc. Z1601720ASC Datasheet HTML 43Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 138 page
background image
Z86017/Z16017 PCMCIA Interface Solution
Product Specification
PCMCIA Interface Overview
PS012002-1201
25
Peripheral Control Signals
• POR (Input, Schmitt-Triggered, 100K Pull-Up)
Local Power-On Reset signal. A 0.1mF capacitor is recommended on
this pin to GND to generate a POR.
• M_PINT (Output, Tri-State, 8 mA)
Interrupt to local microprocessor
• PC_MCLK_IN (Input, Schmitt-Triggered)
Master Clock In. This is an input signal. This clock signal is used to
generate all internal timing. All local bus signals are asynchronous to
this clock.
• EXTP_STSCHG/RES2 (Input, 100K Pull-Up)
Status Change Input. This signal outputs the value of the status
changed line on the PCMCIA bus if enabled in the CCR register, or it
is an input for bit 7 (RSVDEVT3) in CCR4.
• EXTP_AUDIO (Input 100K Pull-Up)
Audio Input. This input signal reflects the audio output. This signal is
active High, and the Speaker output on the PCMCIA bus is active
Low.
• EXTP_PWDN (Output, 8 mA)
Power Down Output. This signal reflects the state of the Power Down
bit in the CCR.
• V
SS (Input)
Ground.
• V
DD (Input)
Supply Voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com