Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL79L Datasheet(PDF) 2 Page - Integral Corp.

Part # IL79L
Description  THREE-TERMINAL LOW CURRENT POSITIVE VOLTAGE REGULATORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IL79L Datasheet(HTML) 2 Page - Integral Corp.

  IL79L Datasheet HTML 1Page - Integral Corp. IL79L Datasheet HTML 2Page - Integral Corp. IL79L Datasheet HTML 3Page - Integral Corp. IL79L Datasheet HTML 4Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IL79LXX
2
IL79L05 ELECTRICAL CHARACTERISTICS
(Vl=-10 V, Io= 40 mA, Cl = 0.33 µF, Co = 0.1 µF, -40°C < TJ < +125°C unless otherwise noted.)
Characteristics
Symbol
Min
Typ
Max
Unit
Output Voltage (T
J=+25°C)
VO
-4.8
-5.0
-5.2
Vdc
Line Regulation
(TJ = +25
°C)
-7.0 Vdc
≥ Vi ≥ 20 Vdc
-8.0 Vdc
≥ Vi ≥20 Vdc
Regline
-
-
-
-
150
100
mV
Load Regulation
TJ = +25
°C, 1.0 mA ≤ IO ≤ 100 mA) 1.0 mA £≤ Io
≤ 40 mA)
Pegload
-
-
-
-
60
30
mV
Output Voltage
-7.0 Vdc
≥Vi≥ -20Vdc,
(Vi=-10 V, 1.0 mA
≤Io≤70 mA)
VO
-4.75
-4.75
-
-
-5.25
-5.25
Vdc
Input Bias Current
(TJ = +25
°C)
(TJ =+125
°C)
IIB
-
-
-
6.0
5.5
mA
Input Bias Current Change
-8.8 Vdc
≥Vi ≥-£20 Vdc)
1.0 mA
≤Io≤ 40 mA
∆IIB
-
-
-
-
1.5
0.1
mA
Output Noise Voltage
(TA=+25
°C, 10 Hz≤f≤100 kHz)
Vn
-
40
-
µV
Ripple Rejection
(-8.0 Vdc
≥Vi ≥ -18 V,
f= 120 Hz, TJ= +25
°C)
RR
41
49
-
dB
Dropout Voltage (IO=40 mA, TJ = +25
°C)
Vi-Vo
-
1.7
-
Vdc
IL79L12 ELECTRICAL CHARACTERISTICS
(Vi =-19 V, Io =40 mA, Ci = 0.33
µF, Co = 0.1 µF, -40°C < TJ < +125°C, unless otherwise noted.)
Characteristics
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = +25
°C)
Vo
-11.1
-12
-12.9
Vdc
Line Regulation
(TJ = +25
°C)
-14.5Vdc
≥Vi ≥ 27Vdc
-16 Vdc
≥Vi ≥ 27 Vdc
Regline
-
-
-
-
250
200
mV
Load Regulation
TJ = +25
°C, 1.0 mA ≤ Io ≤ 100 mA
1.0 mA
≤ Io ≤ 40 mA
Pegload
-
-
-
-
100
50
mV
Output Voltage
-14.5Vdc
≥Vi ≥-27Vdc, 1.0mA≤Io≤ 40mA) Vi = -
19V, 1.0mA
≤Io ≤ 70mA)
Vo
-10.8 --
10.8
-
-
-13.2
-13.2
Vdc
Input Bias Current
(TJ = +25
°C)
(TJ = +125
°C)
IIB
-
-
-
-
6.5
6.0
mA
Input Bias Current Change
-16Vdc
≥ Vi ≥ -27Vdc
1.0 mA
≤ Io ≤ 40 mA
∆IIB
-
-
-
-
1.5
0.2
mA
Output Noise Voltage
(TA = +25
°C, 10Hz ≤ f ≤ 100 kHz)
Vn
-
80
-
µV
Ripple Rejection
-15V
≥ Vi ≥ -25V, f= 120 Hz, TJ=+25°C)
RR
36
42
-
dB
Dropout Voltage
(IO= 40 mA, TJ = +25
°C)
Vi-Vo
"
1.7
-
Vdc



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com