Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL7805 Datasheet(PDF) 3 Page - Integral Corp.

Part # IL7805
Description  THREE-TERMINAL POSITIVE VOLTAGE REGULATORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IL7805 Datasheet(HTML) 3 Page - Integral Corp.

  IL7805 Datasheet HTML 1Page - Integral Corp. IL7805 Datasheet HTML 2Page - Integral Corp. IL7805 Datasheet HTML 3Page - Integral Corp. IL7805 Datasheet HTML 4Page - Integral Corp. IL7805 Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
IL78XXC SERIES
3
IL7808
Electrical characteristics
(Vin = 11V, Io = 500mA, TJ = Tlow to Thigh (Note 1) unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ=+25
°C)
Vo
7.7
8.0
8.0
Vdc
Output Voltage
(5.0 mA≤Io≤1.0A, Po≤15 W)
10.5Vdc
≤Vin≤23Vdc
Vo
7.6
8.0
8.4
Vdc
Line Regulation(TJ=+25
°C, Note2)
10.5Vdc
≤Vin≤25Vdc
11Vdc
≤Vin≤17Vdc
Regline
-
-
12
5.0
160
80
mV
Load Regulation(TJ=+25
°C,Note2)
5.0mA
≤Io≤1.5A
250mA
≤Io≤750 mA
Regload
-
-
45
16
160
80
mV
Quiescent Current (TJ=+25
°C)
IB
-
4.3
8.0
mA
Quiescent Current Change
10.5Vdc
≤Vin≤25Vdc
5.0mA
≤Io≤1.0A
∆ IB
-
-
-
-
1.0
0.5
mA
Ripple Rejection
11.5Vdc
≤Vin≤21.5Vdc, f = 120 Hz
RR
-
62
-
dB
Dropout Voltage (Io=1.0A,T =+25
°C)
Vin-Vo
-
2.0
-
Vdc
Output Noise Voltage(TA=+25
°C)
10 Hz
≤f≤100 kHz
Vn
-
10
-
µV/Vo
Output Resistance f = 1.0 kHz
ro
-
18
-
m
Ω
Short -Circuit Current Limit(TA=+25
°C)
Vin = 35 Vdc
Isc
-
0.2
-
A
Peak Output Current(TJ=+25
°C)
Imax
-
2.2
-
A
Average Temperature Coefficient of
Output Voltage
TCVo
-
-0.8
-
mV/
°C
IL7809
Electrical characteristics
(Vin = 15V, Io = 500mA, TJ = 0°C to +125°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ=+25
°C)
Vo
8.65
9.0
9.35
Vdc
Output Voltage
(5.0 mA≤Io≤1.0A, Po≤15 W)
11.5Vdc≤Vin≤24Vdc
Vo
8.55
9.0
9.45
Vdc
Line Regulation(TJ=+25
°C, Note2)
11.5Vdc≤Vin≤26V dc
11.5Vdc
≤Vin≤17Vdc
Regline
-
-
12
5.0
180
90
mV
Load Regulation(TJ=+25°C, Note2)
5.0mA
≤Io≤1.5A
250mA
≤Io≤750 mA
Regload
-
-
35
12
180
90
mV
Quiescent Current (TJ=+25°C)
IB
-
4.3
8.0
mA
Quiescent Current Change
11.5Vdc≤Vin≤26Vdc
5.0mA
≤Io≤1.0A
∆ IB
-
-
-
-
1.0
0.5
mA
Ripple Rejection
11.5Vdc≤Vin≤21.5Vdc, f = 120 Hz
RR
-
61
-
dB
Dropout Voltage (Io=1.0A,T =+25°C)
Vin-Vo
-
2.0
-
Vdc
Output Noise Voltage(TA=+25°C)
10 Hz
≤f≤100 kHz
Vn
-
10
-
µV/Vo
Output Resistance f = 1.0 kHz
ro
-
18
-
m
Ω
Short -Circuit Current Limit
(TA=+25°C) Vin = 35 Vdc
Isc
-
0.2
-
A
Peak Output Current(TJ=+25
°C)
Imax
-
2.2
-
A
Average Temperature Coefficient of
Output Voltage
TCVo
-
-1.0
-
mV/
°C
Note:
1. Tlow = 0
°C , Thigh = +125 0 °C
2.Load and line regulation are specified at constant junction temperature. Changes in Vo due to heating effects must be taken
into account
separately. Pulse testing with low duty cycle is used.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com