Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5421 Datasheet(PDF) 2 Page - 3M Electronics

Part # 5421
Description  UHMW Polyethylene Tape
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

5421 Datasheet(HTML) 2 Page - 3M Electronics

  5421 Datasheet HTML 1Page - 3M Electronics 5421 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
G/COE/Product Technical Data Sheets/425.431.438.1433.1437
Features
Tape demonstrated no evidence of wear through after Taber Abrasion at 1000
cycles, using CS-10 wheel and 1000g load when applied to S-37 mounting sheet.
Low water vapor transmission rate <0.50 g/100in.2/24hrs.
Thick caliper UHMW polyethylene tape for extended service life as a protective
surface against tough impact wear or sliding applications.
Outstanding abrasion resistance so will outwear PTFE and other materials in
sliding applications.
Low coefficient of friction characteristics is exceeded only by PTFE.
UHMW-PE tape can be used where lubrication is not possible because of
contamination.
Rubber Adhesive provides good initial tack for immediate bonding to material
surface.
Liner makes it ideal for fabricating or die-cutting into various lengths and shapes.
Application Ideas
Noise reduction between dissimilar parts.
Reduce squeaks, rattles and other noises that occur with movement
Lining of conveyer guide rails, tank and bin liners, and discharge chutes.
Protection for aluminum sheets on stretch forming presses.
Liners for Spray booths.
Slick surface for easy glide for drawers and cabinets.
Storage
Store under normal conditions of 60° to 80°F (16° to 27°C) and 40 to 60% relative
humidity in the original packaging material.
Shelf Life
To obtain best performance, use this product within 18 months from date of
manufacture.
Technical
Information
The technical information, recommendations and other statements contained in this document are
based upon tests or experience that 3M believes are reliable, but the accuracy or completeness of
such information is not guaranteed.
Product Use
Many factors beyond 3M’s control and uniquely within user’s knowledge and control can affect the
use and performance of a 3M product in a particular application. Given the variety of factors that
can affect the use and performance of a 3M product, user is solely responsible for evaluating the
3M product and determining whether it is fit for a particul
ar purpose and suitable for user’s method
or application.
Warranty,
Limited Remedy,
and Disclaimer
Unless an additional warranty is specifically stated on the applicable 3M product packaging or
product literature, 3M warrants that each 3M product meets the applicable 3M product
specification at the time 3M ships the product. 3M MAKES NO OTHER WARRANTIES OR
CONDITIONS, EXPRESS OR IMPLIED, INCLUDING, BUT NOT LIMITED TO, ANY IMPLIED
WARRANTY OR CONDITION OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR
PURPOS OR ANY IMPLIED WARRANTY OR CONDITION ARISING OUT OF A COURSE OF
DEALING, CUSTOM OR USAGE OF TRADE. If the 3M product does not conform to this warranty,
then the sole and exclusive remedy is, at 3M’s option, replacement of the 3M product or refund of
the purchase price.
Limitation of
Liability
Except where prohibited by law, 3M will not be liable for any loss or damage arising from the 3M
product, whether direct, indirect, special, incidental or consequential, regardless of the legal theory
asserted, including warranty, contract, negligence or strict liability.
This Industrial Adhesives and Tapes Division product was manufactured under a quality system registered to ISO 9001:2000 standards.
Industrial Business
Industrial Adhesives and Tapes Division
3M Center, Building 220-3S-06
St. Paul, MN 55144-1000
Recycled Paper
3M is a trademark of
3M Company.
800-362-3550 · 577-369-2923 (Fax)
40% pre-consumer
Printed in U.S.A.
www.3M.com/industrial
10% post-consumer
©3M 2016



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com