Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL235Z Datasheet(PDF) 2 Page - Integral Corp.

Part # IL235Z
Description  INTEGRATED CIRCUIT OF TEMPERATURE SENSOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IL235Z Datasheet(HTML) 2 Page - Integral Corp.

  IL235Z Datasheet HTML 1Page - Integral Corp. IL235Z Datasheet HTML 2Page - Integral Corp. IL235Z Datasheet HTML 3Page - Integral Corp. IL235Z Datasheet HTML 4Page - Integral Corp. IL235Z Datasheet HTML 5Page - Integral Corp. IL235Z Datasheet HTML 6Page - Integral Corp. IL235Z Datasheet HTML 7Page - Integral Corp. IL235Z Datasheet HTML 8Page - Integral Corp. IL235Z Datasheet HTML 9Page - Integral Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IL235Z
Korzhenevskogo 12, Minsk, 220064, Republic of
Belarus
Fax:
+375 (17) 278 28 22,
Phone: +375 (17) 278 07 11, 277 24 70, 277 24 61,
277 69 16
E-mail: belms@belms.belpak.minsk.by
URL: www.bms.by
Тable 1 - Maximum ratings
Standard
Name of parameter
Symbol
min
max
Unit of
measurement
IC current
reverse
direct
IR
IF
-
--
15
10
mA
Air operation temperature: *
- constant mode
- short-time
TOPER
- 40
125
125
150
°С
Storage temperature
Tstg
-65
150
°С
Note - *TJ ≤ 150°С
Тable 2 – Temperature parameters.
Standard
Name of parameter
Symbol
min
Type
max
Test
conditions
Temperature
°С
Unit
output voltage, V
UOUT
2,95
2,98
3,01
IR = 1 mA
25
V
Non-calibrated temperature
error
∆Т1
-
1
2
3
5
IR = 1 mA
25
-45
÷ 125
°С
temperature error at calibration
25
°С
∆Т2
-
0,5
1,5
IR = 1 mA
-45
÷ 125
°С
Calibrated error in extended
temperature range
∆Т3
-
2
-
Тcase=Тmax
periodical
-45
÷ 125
°С
Non-linearity of temperature
characteristic
∆Т4
-
0,3
1
IR = 1 mA
-55
÷ 150
°С
Тable 3 – Electrical parameters
.
Standard
Name of parameter
Symbo
l
min
type.
max
Test
conditions
Temperat
ure
°С
Measurement of output voltage
in supply currents range
Изменение выходного
напряжения в диапазоне
питающих токов
∆UOUT
-
2,5
10
0,45 mА
≤ IR
≤ 5 mА
-45
÷ 125
mV
Dynamic impedance
∆R1
-
0,5
-
IR = 1 mА
25
Ohm
Temperature coefficient of
output voltage
ТКН
-
+10
-
-
25
mV/
°С
Time constant:
-still air
-speed of air is 0,5 m/с
- agitated oil
τТ
-
-
-
80
10
1
-
-
-
-
-45
÷ 125
С
Time stability
ТСТАБ
-
0,2
-
-
125
°С/
1000ч
Note – Precise measurements done in agitated oil bath. For other conditions there should be taking into
consideration self-heating .



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com