Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5559 Datasheet(PDF) 2 Page - 3M Electronics

Part # 5559
Description  Water Contact Indicator Tape 5559
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

5559 Datasheet(HTML) 2 Page - 3M Electronics

  5559 Datasheet HTML 1Page - 3M Electronics 5559 Datasheet HTML 2Page - 3M Electronics 5559 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3M™ Water Contact Indicator Tape 5559
•
Substrate should be smooth, clean, dry and oil-free to ensure good wet-out and adequate adhesion.
•
Adhesive should not be applied at temperature lower than 10°C (50°F)
•
Temperature resistance is -40 to 65°C for days /weeks or 121°C for minutes to hours.
Typical Physical Properties and Performance Characteristics
Note: The following technical information and data should be considered representative or typical only and should not be used for
specification purposes. Final product specifications and testing methods will be outlined in the products Certificate of Analysis
(COA) that is shipped with the commercialized product.
3M™ Water Contact Indicator Tape 5559
Property
Method*
Value
Adhesion to Stainless Steel:
90° Peel Adhesion, 5 mm/sec peel rate,
(12/inch/min),
15 min dwell time
ASTM D-3330
0.31 N/mm (28 oz/in)
Adhesion to Stainless Steel:
90° Peel Adhesion, 5 mm/sec peel rate,
72-hr dwell time
ASTM D-3330
0.37 N/mm (34 oz/in)
Adhesion to Polycarbonate:
90° Peel Adhesion, 5 mm/sec peel rate,
72-hr dwell time
ASTM D-3330
0.39 N/mm (35 oz/in)
Tape Thickness
ASTM D-3652
0.127 mm (5.0mil)
Release liner Thickness
ASTM D-3652
0.051 mm (2.0mil)
*Methods listed as ASTM are tested in accordance with the ASTM method noted
Storage and Shelf Life
The shelf life of 3M™ Water Contact Indicator Tape 5559 is 18 months from the date of manufacture when stored in the
original packaging materials and stored at 21°C (70°F) and 50% relative humidity.
Certificate of Analysis (COA)
The 3M Certificate of Analysis (COA) for this product is established when the product is commercially available from
3M. The commercially available product will have a COA specification established. The COA contains the 3M
specifications and test methods for the products performance limits that the product will be supplied against. The 3M
product is supplied to 3M COA test specifications and the COA test methods. Contact your local 3M representative for
this product’s COA.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com