Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL235Z Datasheet(PDF) 2 Page - Integral Corp.

Part # IL235Z
Description  HIGH VOLTAGE HIGH-FREQUENCY STEP-UP SWITCHING REGULATOR-CONTROLLER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IL235Z Datasheet(HTML) 2 Page - Integral Corp.

  IL235Z Datasheet HTML 1Page - Integral Corp. IL235Z Datasheet HTML 2Page - Integral Corp. IL235Z Datasheet HTML 3Page - Integral Corp. IL235Z Datasheet HTML 4Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IL235Z
Korzhenevskogo 12, Minsk, 220108, Republic of
Belarus
Fax:
+375 (17) 278 28 22,
Phone: +375 (17) 278 07 11, 212 24 70, 212 24 61,
212 69 16
E-mail: office@bms.by
URL: www.bms.by
2
Features
• Operate from a rectified 220 VAC line source.
• Oscillation frequency: 600 kHz.
• Output voltage external setting (FB) type available.
FB terminal voltage (VFB) 1.0 V.
• Minimum of external components. The only peripheral
components that can be used with IC are a coil, a diode,
capacitors, and a resistor.
• Built-in converter of high voltage in low voltage, using 450 V
MOS-transistor and Zener diode.
• Built-in 700 V DMOS power switch.
• Duty ratio: 0% to 27% typ. PFM control
27% to 82% typ. PWM control
• Built-in current limiting circuit: Assigned by internal resistor (RSENSE).
• Soft-start function: Can be set with an external capacitor (CSS).
Block diagram
TR2
R1
R2
ZD1
SENSE
VddHV
Vz
Vdd
СSS
СVREF
Vss
FB
DRAIN
Soft-start
circuit
Voltage/current
reference
VREF=1.0V
Rs
Cs
120mV
PWM/PFM switching
control circuit
Phase
compensation
circuit
Triangular wave
oscillation circuit
TR1
SOURCE
RSENSE
* - Pin number are defined during designing



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com