Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILMS5380 Datasheet(PDF) 2 Page - Integral Corp.

Part # ILMS5380
Description  MICROCIRCUIT FOR REMOTE CONTROL SYSTEMS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

ILMS5380 Datasheet(HTML) 2 Page - Integral Corp.

  ILMS5380 Datasheet HTML 1Page - Integral Corp. ILMS5380 Datasheet HTML 2Page - Integral Corp. ILMS5380 Datasheet HTML 3Page - Integral Corp. ILMS5380 Datasheet HTML 4Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ILMS5380
Korzhenevskogo 12, Minsk, 220108, Republic of
Belarus
Fax:
+375 (17) 278 28 22,
Phone: +375 (17) 278 07 11, 212 24 70, 212 24 61,
212 69 16
E-mail: office@bms.by
URL: www.bms.by
Limiting parameters values Tamb=25°C
Title
Measurements
condition
Notation
Meaning
Measu
r-ement
unit
Supply voltage
Vs
4.5
÷ 5.5
W
Power current
Is
0.8
мА
Transition temperature
TJ
100
°C
Storage temperature
Tstg
-25.
÷.+85
°C
Operating temperature
Tamb
-25
÷+85
°C
Power consumption
(Tamb = 85 °C)
Ptot
50
mW
Basic characteristics Tamb=25°C
Title
Measurements conditions
Notation MIN
TYP
MAX
Meas-
uremet
unit.
Current
consumtion
(Output 2)
Vs = 5 V, Ev = 0
ISD
0.4
0.5
0.8
mA
Current
consumption
(Output 2)
Vs = 5 V, Ev = 40 klx,
sun light
ISH
-
1.0
-
mA
Transmission distance
Ev = 0, test signal, IR-diode
TSIP5201,
lp = 1.5 A
d
-
32
-
m
Output voltage of low level
(Output 3)
IOSL = 0.5 мА, Ее = 0.5 mW/M
2,
f=fo,tPI/N=0,4 Test signal
VOSL
-
-
250
mW
Minimum density of IR-
radiating power*
tPO=tPI
±160
мкс
Test signal
Eemin
0.6
0.4
-
mW/m
2
Maximum radiation
Test signal
Eemax
-
-
20
W/m
2
* - accordance with customer order programming of subcarrier frequency can be fulfilled
(PCM) FO in range of(36-40) кHz
С i r cuit c onne c ti on.
ILMS5360
2
1
3
4.7 µ F*)
330 Ω ∗)
> 10κΩ
opflonal
µC
+ 5V
+ 5V
*) - it is necessary only for power source interference suppression + 5V.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com