Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX312C/D Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX312C/D
Description  10廓, Quad, SPST, CMOS Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX312C/D Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX312C/D Datasheet HTML 1Page - Maxim Integrated Products MAX312C/D Datasheet HTML 2Page - Maxim Integrated Products MAX312C/D Datasheet HTML 3Page - Maxim Integrated Products MAX312C/D Datasheet HTML 4Page - Maxim Integrated Products MAX312C/D Datasheet HTML 5Page - Maxim Integrated Products MAX312C/D Datasheet HTML 6Page - Maxim Integrated Products MAX312C/D Datasheet HTML 7Page - Maxim Integrated Products MAX312C/D Datasheet HTML 8Page - Maxim Integrated Products MAX312C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
10
Ω
Ω, Quad, SPST, CMOS Analog Switches
_______________________________________________________________________________________
5
11
-15
-10
-5
10
5
ON-RESISTANCE vs. VCOM
(BIPOLAR SUPPLIES)
5
9
VCOM (V)
015
7
15
19
17
13
A
B
C
A: V+, V- =
±5V,
B: V+, V- =
±10V,
C: V+, V- =
±15V
8
-15
-10
-5
10
5
ON-RESISTANCE vs. VCOM AND
TEMPERATURE
2
6
VCOM (V)
015
4
12
16
14
10
V+ = 15V,
V+ = -15V
A: TA = +125
°C
B: TA = +85
°C
C: TA = +70
°C
D: TA = +25
°C
E: TA = -55
°C
E
C
D
A
B
1000
1
01
3
5
15
ON-RESISTANCE vs. VCOM
(SINGLE SUPPLY, V- = 0V)
10
100
VCOM (V)
24
11
13
12
14
68
10
79
A: V+ = 2.7V
B: V+ = 3.3V
C: V+ = 5V
D: V+ = 9V
E: V+ = 12V
F: V+ = 15V
E
F
C
D
A
B
8
02
4
10
8
ON-RESISTANCE vs. VCOM AND
TEMPERATURE
2
6
VCOM (V)
612
13
9
7
511
4
12
16
14
10
18
22
24
20
V+ = 12V,
V- = 0V
A: TA = +125
°C
B: TA = +85
°C
C: TA = +70
°C
D: TA = +25
°C
E: TA = -55
°C
E
C
D
A
B
-12
-8
4
0
CHARGE INJECTION
vs. VCOM
-40
-30
VCOM (V)
-4
8 10 12 14
-14
-10
2
-2
-6
6
-10
0
20
10
-20
40
30
A: V+ = 15V, V- = -15V
B: V+ = 12V, V- = 0V
A
B
100
10
0.0001
-50
125
OFF LEAKAGE CURRENT
vs. TEMPERATURE
1
TEMPERATURE (
°C)
25
0.01
0.001
-25
0
75
0.1
50
100
V+ = 15V,
V- = -15V,
VNC OR VNO =
±10V
VCOM =
±10V
100
10
0.0001
-50
125
ON LEAKAGE CURRENT
vs. TEMPERATURE
1
TEMPERATURE (
°C)
25
0.01
0.001
-25
0
75
0.1
50
100
V+ = 15V,
V- = -15V,
VCOM =
±10V
100
10
0.0001
-50
-75
125
1
TEMPERATURE (
°C)
25
0.01
0.001
-25
0
75
0.1
50
100
A: I+ = 16.5V
B: I- = -16.5V
C: IL = 5.5V
C
A
B
SUPPLY CURRENT
vs. TEMPERATURE
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com