Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMFB78N10A Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LMFB78N10A
Description  N-Channel Super Trench Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LMFB78N10A Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LMFB78N10A Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LMFB78N10A Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LMFB78N10A Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LMFB78N10A Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LMFB78N10A Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LMFB78N10A Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Description
The LMFB78N10A uses Super Trench technology that is
uniquely optimized to provide the most efficient high
frequency switching performance. Both conduction and
switching power losses are minimized due to an extremely
low combination of RDS(ON) and Qg. This device is ideal for
high-frequency switching and synchronous rectification.
General Features
VDS =100V,ID =78A
RDS(ON) =7.2mΩ(typical) @ VGS=10V
RDS(ON) =9.5mΩ(typical) @ VGS=4.5V
Excellent gate charge x RDS(on) product(FOM)
Very low on-resistance RDS(on)
175 °C operating temperature
Pb-free lead plating
100% UIS tested
Application
DC/DC Converter
Ideal for high-frequency switching and synchronous
rectification
100% UIS TESTED!
100% ∆Vds TESTED!
Schematic diagram
Marking and pin assignment
TO-220-3L top view
Package Marking and Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
NCEP0178A
LMFB78N10A
TO-220-3L
-
-
-
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
100
V
Gate-Source Voltage
VGS
±20
V
Drain Current-Continuous
ID
78
A
Drain Current-Continuous(TC=100 )
ID (100℃)
60
A
Pulsed Drain Current
IDM
320
A
Maximum Power Dissipation
PD
125
W
Derating factor
0.83
W/℃
Single pulse avalanche energy
(Note 5)
EAS
320
mJ
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 175
LMFB78N10A
Super Trench Power MOSFET
Rev :
www.leiditech.com
01.06.2015
1/6
N-Channel


Similar Part No. - LMFB78N10A

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LMFB108N10 LEIDITECH-LMFB108N10 Datasheet
870Kb / 6P
N-Channel Super Trench Power MOSFET
LMFB10N65 LEIDITECH-LMFB10N65 Datasheet
5Mb / 5P
650V N-Channel Enhancement Mode MOSFET
LMFB115N08 LEIDITECH-LMFB115N08 Datasheet
1,003Kb / 6P
N-Channel Super Trench Power MOSFET
LMFB140N08 LEIDITECH-LMFB140N08 Datasheet
1Mb / 6P
N-Channel Super Trench Power MOSFET
LMFB180N03 LEIDITECH-LMFB180N03 Datasheet
2Mb / 5P
30V N-Channel Enhancement Mode MOSFET
More results

Similar Description - LMFB78N10A

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RM185N30DF RECTRON-RM185N30DF Datasheet
245Kb / 6P
N-Channel Super Trench Power MOSFET
logo
Shenzhen Foster Semicon...
FIR150N10PG FOSTER-FIR150N10PG Datasheet
1Mb / 7P
N-Channel Super Trench Power MOSFET
logo
Shenzhen Huazhimei Semi...
HMS20N15K HMSEMI-HMS20N15K Datasheet
500Kb / 7P
N-Channel Super Trench Power MOSFET
HMS4296B HMSEMI-HMS4296B Datasheet
489Kb / 6P
N-Channel Super Trench Power MOSFET
HMS150N06D HMSEMI-HMS150N06D Datasheet
596Kb / 7P
N-Channel Super Trench Power MOSFET
HMS110N15 HMSEMI-HMS110N15 Datasheet
527Kb / 7P
N-Channel Super Trench Power MOSFET
HMS65N03Q HMSEMI-HMS65N03Q Datasheet
524Kb / 5P
N-Channel Super Trench Power MOSFET
HMS80N15 HMSEMI-HMS80N15 Datasheet
615Kb / 6P
N-Channel Super Trench Power MOSFET
HMS4240 HMSEMI-HMS4240 Datasheet
733Kb / 7P
N-Channel Super Trench Power MOSFET
logo
Shanghai Leiditech Elec...
LMPC100N20 LEIDITECH-LMPC100N20 Datasheet
770Kb / 6P
N-Channel Super Trench Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com