Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT78C7005 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT78C7005
Description  Spindle/VCM MotorController/Drivers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT78C7005 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT78C7005 Datasheet HTML 1Page - ATMEL Corporation AT78C7005 Datasheet HTML 2Page - ATMEL Corporation AT78C7005 Datasheet HTML 3Page - ATMEL Corporation AT78C7005 Datasheet HTML 4Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
AT78C7005
3432BS–NETST–5/04
Figure 1. AT78C7005 Block Diagram
A
B
C
1
OTA
SEQ
Bemf
Comp
VSA
VSB
VSC
VSP
VST
FLL
Prescaler
CHP
UP
DN
PWM
Comp
MUX
Voltage Limiter
FLL
10 bit
DAC
Bemf
Comp
VSN
SYSCLK
BG
IREF
RREF
VREF
14 bit
DAC
POR
CRET
PORB
RTH
S/H
B
N
P
VVCC
VMP
VCMP
VCMN
VMN
ERRO
EA
ERRI
VREF
BA
SA
VCMS
S/H
A
M
U
X
10bit
ADC
9V
PUMP
CRET
RETO
3.3V
V3.3
VC3.3
2.5V
V2.5
VC2.5
1.8V
V1.8
VC1.8
VREF
VREF
XIN
SHOCKIN
XOUT
F40
3 bit
DAC
SHOCKB
SERIAL
PORT
SDEN
SCLK
SDATA
CLK
Comp
TMON
OTSD
OTW
DRET



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com