Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMPC5N65 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LMPC5N65
Description  N-Channel Super Junction Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LMPC5N65 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LMPC5N65 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LMPC5N65 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LMPC5N65 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LMPC5N65 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LMPC5N65 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LMPC5N65 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LMPC5N65 Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LMPC5N65 Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LMPC5N65 Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LMPC5N65 ,NCE65T900, NCE65T900F
General Description
The
series of devices use advanced trench gate super
junction technology and design to provide excellent RDS(ON)
with low gate charge. This super junction MOSFET fits the
industry’s AC-DC SMPS requirements for PFC, AC/DC
power conversion, and industrial power applications.
Features
●New technology for high voltage device
●Low on-resistance and low conduction losses
●Small package
●Ultra Low Gate Charge cause lower driving requirements
●100% Avalanche Tested
●ROHS compliant
Application
●
Power factor correction(PFC)
●
Switched mode power supplies(SMPS)
●
Uninterruptible Power Supply(UPS)
VDS
650
V
RDS(ON)TYP
750
mΩ
ID
5
A
Package Marking And Ordering Information
Device
Device Package
Marking
LMPC5N65
TO-263
NCE65T900D
LCE65T900
TO-220
NCE65T900
LCE65T900F
TO-220F
NCE65T900F
Table 1.
Absolute Maximum Ratings (TC=25℃)
Parameter
Symbol
NCE65T900
LMPC5N65
NCE65T900F
Unit
Drain-Source Voltage (
VGS=0V)
VDS
650
V
Gate-Source Voltage (
VDS=0V) AC (f>1 Hz)
VGS
±30
V
Continuous Drain Current
at Tc=25°C
ID (DC)
5
5*
A
Continuous Drain Current
at Tc=100°C
ID (DC)
3
3*
A
Pulsed drain current
(Note 1)
IDM (pluse)
20
20*
A
Maximum Power Dissipation(Tc=25℃)
Derate above 25
°C
PD
46
0.37
29
0.23
W
W/
°C
Single pulse avalanche energy
(Note2)
EAS
52
mJ
Avalanche current
(Note 1)
IAR
0.9
A
Repetitive Avalanche energy ,tAR limited by Tjmax
(Note 1)
EAR
0.14
mJ
Schematic diagram
TO-263
TO-220
TO-220F
Super Junction Power MOSFET
Rev :
www.leiditech.com
01.06.2018
1/9
N-Channel


Similar Part No. - LMPC5N65

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LMPC100N10 LEIDITECH-LMPC100N10 Datasheet
881Kb / 6P
N-Channel Enhancement Mode Power MOSFET
LMPC100N20 LEIDITECH-LMPC100N20 Datasheet
770Kb / 6P
N-Channel Super Trench Power MOSFET
LMPC120N08 LEIDITECH-LMPC120N08 Datasheet
401Kb / 6P
N-Channel Super Trench Power MOSFET
LMPC150N10 LEIDITECH-LMPC150N10 Datasheet
850Kb / 6P
N-Channel Super Trench Power MOSFET
LMPC200N04 LEIDITECH-LMPC200N04 Datasheet
1Mb / 6P
N-Channel Super Trench Power MOSFET
More results

Similar Description - LMPC5N65

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE60R2K2I NCEPOWER-NCE60R2K2I Datasheet
608Kb / 8P
N-Channel Super Junction Power MOSFET
NCE70R2K2I NCEPOWER-NCE70R2K2I Datasheet
607Kb / 8P
N-Channel Super Junction Power MOSFET
NCE70R360D NCEPOWER-NCE70R360D Datasheet
673Kb / 10P
N-Channel Super Junction Power MOSFET
NCE80R1K2I NCEPOWER-NCE80R1K2I Datasheet
601Kb / 8P
N-Channel Super Junction Power MOSFET
NCE65R1K2 NCEPOWER-NCE65R1K2 Datasheet
667Kb / 10P
N-Channel Super Junction Power MOSFET
NCE70R900I NCEPOWER-NCE70R900I Datasheet
603Kb / 8P
N-Channel Super Junction Power MOSFET
logo
Rectron Semiconductor
RM5N650IP RECTRON-RM5N650IP Datasheet
525Kb / 8P
N-Channel Super Junction Power MOSFET
RM5N700IP RECTRON-RM5N700IP Datasheet
974Kb / 8P
N-Channel Super Junction Power MOSFET
RM12N500T2 RECTRON-RM12N500T2 Datasheet
1Mb / 8P
N-Channel Super Junction Power MOSFET
RM12N650LD RECTRON-RM12N650LD Datasheet
627Kb / 9P
N-Channel Super Junction Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com