Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BISC-306/10-S4 Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BISC-306/10-S4
Description  LF (70/455 kHz)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BISC-306/10-S4 Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BISC-306/10-S4 Datasheet HTML 1Page - Balluff Korea Ltd. BISC-306/10-S4 Datasheet HTML 2Page - Balluff Korea Ltd. BISC-306/10-S4 Datasheet HTML 3Page - Balluff Korea Ltd. BISC-306/10-S4 Datasheet HTML 4Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LF (70/455 kHz)
BIS C-306/10-S4
Order Code: BIS00N3
Internet
www.balluff.com
eCl@ss 9.1: 27-28-04-01
Subject to change without notice: 187197
ETIM 6.0: EC002998
BIS00N3_1.16_2021-05-08
1 / 4
1) Sensing surface, 2) Tightening torque
Basic features
Antenna type
round
Approval/Conformity
CE
cULus
EAC
WEEE
EN 55011
Size 1, Cl. A
Principle of operation
Read/write head
Environmental conditions
Ambient temperature
0...70 °C
Continuous shock load
yes
EN 60068-2-27, Shock
yes
EN 60068-2-32 Free fall
yes
EN 60068-2-6, Vibration
yes
IP rating
IP67
Storage temperature
-20...85 °C
Material
Housing material
Brass, Nickel-plated brass nuts,
nickel plated
Housing material, surface protection nickel-plated
Mechanical data
Application weight
25.00 g
Dimension
Ø 16 x 50 mm
Installation
metal-free (clear zone)
on metal
flush in metal
Size
M16x1
Remarks
For basic equipment order cable also e.g.: BIS C-505-PU1-10 BIS C-505-PU-10 BIS C-506-PU1-10 BIS C-506-PU-10 BIS C-517-PVC-10 BIS C-518-
PVC-10
ATTENTION: 10m cable length reduces the read/write distance by 10 %
Use included nuts for installation.
Time specification includes data check.
Values are under rated conditions unless otherwise specified.
Specified relative speed refers to reading/writing the first 4 bytes from the first page.
Only together with converter BIS C-901 or BIS C-6xx


Similar Part No. - BISC-306/10-S4

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BISC-306-PU1-00,3-SA1 BALLUFF-BISC-306-PU1-00,3-SA1 Datasheet
670Kb / 4P
LF (70/455 kHz)
BISC-306-PU1-01 BALLUFF-BISC-306-PU1-01 Datasheet
671Kb / 4P
LF (70/455 kHz)
BISC-306-PU1-10 BALLUFF-BISC-306-PU1-10 Datasheet
671Kb / 4P
LF (70/455 kHz)
More results

Similar Description - BISC-306/10-S4

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BIS00L4 BALLUFF-BIS00L4 Datasheet
175Kb / 3P
LF (70/455 kHz)
BAE0095 BALLUFF-BAE0095 Datasheet
91Kb / 1P
LF (70/455 kHz)
BAE0096 BALLUFF-BAE0096 Datasheet
91Kb / 1P
LF (70/455 kHz)
BAM012C BALLUFF-BAM012C Datasheet
103Kb / 1P
LF (70/455 kHz)
BIS000K BALLUFF-BIS000K Datasheet
112Kb / 2P
LF (70/455 kHz)
BIS000M BALLUFF-BIS000M Datasheet
102Kb / 2P
LF (70/455 kHz)
BIS000N BALLUFF-BIS000N Datasheet
104Kb / 2P
LF (70/455 kHz)
BIS00AZ BALLUFF-BIS00AZ Datasheet
142Kb / 3P
LF (70/455 kHz)
BIS00J4 BALLUFF-BIS00J4 Datasheet
108Kb / 2P
LF (70/455 kHz)
BIS00N7 BALLUFF-BIS00N7 Datasheet
139Kb / 3P
LF (70/455 kHz)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com