Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54ABT373CMSAMQB Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54ABT373CMSAMQB
Description  Octal Transparent Latch with TRI-STATE Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ABT373CMSAMQB Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button 54ABT373CMSAMQB Datasheet HTML 2Page - National Semiconductor (TI) 54ABT373CMSAMQB Datasheet HTML 3Page - National Semiconductor (TI) 54ABT373CMSAMQB Datasheet HTML 4Page - National Semiconductor (TI) 54ABT373CMSAMQB Datasheet HTML 5Page - National Semiconductor (TI) 54ABT373CMSAMQB Datasheet HTML 6Page - National Semiconductor (TI) 54ABT373CMSAMQB Datasheet HTML 7Page - National Semiconductor (TI) 54ABT373CMSAMQB Datasheet HTML 8Page - National Semiconductor (TI) 54ABT373CMSAMQB Datasheet HTML 9Page - National Semiconductor (TI) 54ABT373CMSAMQB Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Capacitance
Symbol
Parameter
Typ
Units
Conditions
(TA e 25 C)
CIN
Input Capacitance
5
pF
VCC e 0V
COUT (Note 1)
Output Capacitance
9
pF
VCC e 50V
Note 1
COUT is measured at frequency f e 1 MHz per MIL-STD-883B Method 3012
tPLH vs Temperature (TA)
CL e 50 pF 1 Output Switching
Data to Output
TLF11547 – 11
tPHL vs Temperature (TA)
CL e 50 pF 1 Output Switching
Data to Output
TLF11547 – 12
tPZH vs Temperature (TA)
CL e 50 pF 1 Output Switching
OE to Output
TLF11547 – 13
tPZL vs Temperature (TA)
CL e 50 pF 1 Output Switching
OE to Output
TLF11547 – 14
tPHZ vs Temperature (TA)
CL e 50 pF 1 Output Switching
OE to Output
TLF11547 – 15
tPLZ vs Temperature (TA)
CL e 50 pF 1 Output Switching
OE to Output
TLF11547 – 16
Dashed lines represent design characteristics for specified guarantees refer to AC Characteristics Tables
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com