Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74ACT
Description  9-Bit D Flip-Flop
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74ACT Datasheet(HTML) 4 Page - National Semiconductor (TI)

  74ACT Datasheet HTML 1Page - National Semiconductor (TI) 74ACT Datasheet HTML 2Page - National Semiconductor (TI) 74ACT Datasheet HTML 3Page - National Semiconductor (TI) 74ACT Datasheet HTML 4Page - National Semiconductor (TI) 74ACT Datasheet HTML 5Page - National Semiconductor (TI) 74ACT Datasheet HTML 6Page - National Semiconductor (TI) 74ACT Datasheet HTML 7Page - National Semiconductor (TI) 74ACT Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AC Electrical Characteristics
74ACT
54ACT
74ACT
TA ea25 C
TA eb55 CTA eb40 C
Symbol
Parameter
VCC
CL e 50pF
to a125 Cto a85 C
Units
(V)
CL e 50 pF
CL e 50 pF
Min
Typ
Max
Min
Max
Min
Max
fmax
Maximum Clock
50
120
158
95
109
MHz
Frequency
tPLH
Propagation Delay
50
15
55
95
15
120
15
105
ns
CP to On
tPHL
Propagation Delay
50
20
55
95
15
120
15
105
ns
CP to On
tPHL
Propagation Delay
50
25
80
135
15
180
20
155
ns
CLR to On
tPZH
Output Enable Time
50
15
60
105
15
115
15
115
ns
OE to On
tPZL
Output Enable Time
50
20
65
110
15
120
15
120
ns
OE to On
tPHZ
Output Disable Time
50
15
65
110
15
135
15
120
ns
OE to On
tPLZ
Output Disable Time
50
15
60
105
15
120
15
115
ns
OE to On
Voltage Range 50 is 50V g05V
AC Operating Requirements
74ACT
54ACT
74ACT
TA ea25 C
TA eb55 CTA eb40 C
Symbol
Parameter
VCC
CL e 50 pF
to a125 Cto a85 C
Units
(V)
CL e 50 pF
CL e 50 pF
Typ
Guaranteed Minimum
ts
Setup Time HIGH or LOW
50
05
25
40
25
ns
DtoCP
th
Hold Time HIGH or LOW
50
0
25
30
25
ns
Dn to CP
ts
Setup Time HIGH or LOW
50
0
20
40
25
ns
EN to CP
th
Hold Time HIGH or LOW
50
0
10
30
10
ns
EN to CP
tw
CP Pulse Width
50
25
45
60
55
ns
HIGH or LOW
tw
CLR Pulse Width LOW
50
30
55
70
55
ns
trec
CLR to CP
50
15
35
45
40
ns
Recovery Time
Voltage Range 50 is 50V g05V
Capacitance
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
45
pF
VCC e OPEN
CPD
Power Dissipation
44
pF
VCC e 50V
Capacitance
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com