Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDP0046 Datasheet(PDF) 2 Page - Intersil Corporation

Part # MDP0046
Description  High Power Differential Line Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

MDP0046 Datasheet(HTML) 2 Page - Intersil Corporation

  MDP0046 Datasheet HTML 1Page - Intersil Corporation MDP0046 Datasheet HTML 2Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
Pinouts
19
18
17
16
15
14
13
1
2
3
4
5
6
7
Thermal
Pad
NC
NC
VS-
NC
NC
NC
GND
NC
NC
VS+
NC
NC
NC
GND
EL1503
(24-PIN LPP)
TOP VIEW
1
2
3
4
16
15
14
13
5
6
7
12
11
9
8
10
20
19
18
17
Power
Control
Logic
AB
VIN-A
VOUTA
VS-
GND*
GND*
GND*
GND*
VIN+A
C1
C0
VIN-B
VS+
GND*
GND*
IADJ
VOUTB
GND*
GND*
VIN+B
NC
EL1503
[20-PIN SO (0.300”)]
TOP VIEW
*GND PINS ARE HEAT SPREADERS
1
2
3
4
16
15
14
13
5
6
7
12
11
10
8
9
Power
Control
Logic
VIN-A
VOUTA
VS-
GND*
GND*
VIN+A
C1
C0
VIN-B
VS+
GND*
IADJ
VOUTB
GND*
VIN+B
NC
AB
EL1503
[16-PIN SO (0.150”)]
TOP VIEW
EL1503A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com