Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D164DB12PI Datasheet(PDF) 6 Page - Advanced Micro Devices

Part # D164DB12PI
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

D164DB12PI Datasheet(HTML) 6 Page - Advanced Micro Devices

Back Button D164DB12PI Datasheet HTML 2Page - Advanced Micro Devices D164DB12PI Datasheet HTML 3Page - Advanced Micro Devices D164DB12PI Datasheet HTML 4Page - Advanced Micro Devices D164DB12PI Datasheet HTML 5Page - Advanced Micro Devices D164DB12PI Datasheet HTML 6Page - Advanced Micro Devices D164DB12PI Datasheet HTML 7Page - Advanced Micro Devices D164DB12PI Datasheet HTML 8Page - Advanced Micro Devices D164DB12PI Datasheet HTML 9Page - Advanced Micro Devices D164DB12PI Datasheet HTML 10Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 57 page
background image
6
Am29DL16xD
May 26, 2004
PRODUCT SELECTOR GUIDE
BLOCK DIAGRAM
Part Number
Am29DL16xD
Speed Option
Standard Voltage Range: VCC = 2.7–3.6 V
70
90
120
Max Access Time (ns)
70
90
120
CE# Access (ns)
70
90
120
OE# Access (ns)
30
40
50
VCC
VSS
Upper Bank Address
A0–A19
RESET#
WE#
CE#
BYTE#
DQ0–DQ15
WP#/ACC
STATE
CONTROL
&
COMMAND
REGISTER
RY/BY#
Upper Bank
X-Decoder
OE#
BYTE#
DQ0–DQ15
Lower Bank
X-Decoder
Lower Bank Address
OE#
BYTE#
Status
Control
A0–A19
A0–A19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com